Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics AN2521 Datasheet HTML 19Page - STMicroelectronics AN2521 Datasheet HTML 20Page - STMicroelectronics AN2521 Datasheet HTML 21Page - STMicroelectronics AN2521 Datasheet HTML 22Page - STMicroelectronics AN2521 Datasheet HTML 23Page - STMicroelectronics AN2521 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
EVAL6668-75W: thermal map
AN2521
20/33
The flyback stage is also protected against open loop conditions that lead to loss of control
of the output voltage. A divider connected to the auxiliary winding of the transformer is also
connected to the L6668 pin #7 (DIS) and, in case of excessively high output voltage
resulting from loop failure, provides for the triggering of the internal comparator connected to
that pin. In this case operation of the L6563 will cease because the L6668 will stop the PFC
stage operation via the PFC_STOP pin. The VCC powering both the ICs will be maintained
by the HV start-up generator of the L6668. To restart the operation, it will be necessary to
unplug and re-plug the mains, to unlatch the L6668.
4
EVAL6668-75W: thermal map
4.1
Thermal protection
The EVAL6668-75W is also equipped with thermal protection of the flyback's power
MOSFET (Q5). Its temperature is sensed using the NTC thermistor R58 connected to the
L6668 pin #7 (DIS). If the temperature of the heat sink rises above the maximum allowed
level (80 - 85 °C), the threshold of the internal comparator will be exceeded and the L6668
latched as in the case of open loop. To restart the operation of the circuit, it will be
necessary to unplug and re-plug the mains.
4.2
Thermal map
In order to check the reliability of the design, thermal mapping has been performed using an
infrared camera. In Figure 27 and 28, the thermal measurements on the key components at
nominal input voltage are shown. The correlation between the measurement points and
components for both thermal maps is indicated in Table 7 below. The ambient temperature
during both measurements was 27 °C. All other components on the board work within the
temperature limits, ensuring reliable long-term operation of the power supply.
Figure 27.
Thermal map at 115 Vac-60 Hz - full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com