Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 186 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 186 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 182Page - Texas Instruments TNETV2501INPGF Datasheet HTML 183Page - Texas Instruments TNETV2501INPGF Datasheet HTML 184Page - Texas Instruments TNETV2501INPGF Datasheet HTML 185Page - Texas Instruments TNETV2501INPGF Datasheet HTML 186Page - Texas Instruments TNETV2501INPGF Datasheet HTML 187Page - Texas Instruments TNETV2501INPGF Datasheet HTML 188Page - Texas Instruments TNETV2501INPGF Datasheet HTML 189Page - Texas Instruments TNETV2501INPGF Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 197 page
background image
Electrical Specifications
186
December 2002 − Revised November 2008
SPRS206K
5.16.3
HPI.HAS Interrupt Timings
Table 5−47 assumes testing over recommended operating conditions (see Figure 5−45).
Table 5−47. HPI.HAS Interrupt Timing Requirements†
NO.
MIN
MAX
UNIT
H31
tsu(HASL−COH)
Setup time, HPI.HAS low‡ before CLKOUT rising edge
5
ns
H32
th(COH−HASL)
Hold time, HPI.HAS low‡ after CLKOUT rising edge
0
ns
H33
tw(HASL)
Pulse width, HPI.HAS low‡
P§
ns
† In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as CLKOUT.
‡ An interrupt can be triggered by setting the HPI.HAS signal high or low, depending on the setting of the HAS bit in the General-Purpose I/O
Interrupt Control Register 2 (HPGPIOINT2). Refer to the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature
number SPRU620) for more information on the interrupt capability of the HPI.HAS signal.
§ P = (Divider1 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the fast peripheral domain at 1/2 the CPU
clock frequency, use P = 2/300 MHz = 6.66 ns.
CLKOUT
HPI.HAS
H31
H32
H33
Figure 5−45. HPI.HAS Interrupt Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com