Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 189 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 185Page - Texas Instruments TNETV2501INPGF Datasheet HTML 186Page - Texas Instruments TNETV2501INPGF Datasheet HTML 187Page - Texas Instruments TNETV2501INPGF Datasheet HTML 188Page - Texas Instruments TNETV2501INPGF Datasheet HTML 189Page - Texas Instruments TNETV2501INPGF Datasheet HTML 190Page - Texas Instruments TNETV2501INPGF Datasheet HTML 191Page - Texas Instruments TNETV2501INPGF Datasheet HTML 192Page - Texas Instruments TNETV2501INPGF Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 197 page
background image
Electrical Specifications
189
December 2002 − Revised November 2008
SPRS206K
5.18 Universal Asynchronous Receiver/Transmitter (UART) Timings
Table 5−50 to Table 5−51 assume testing over recommended operating conditions (see Figure 5−48).
Table 5−50. UART Timing Requirements
NO.
MIN
MAX
UNIT
U4
tw(UDB)R
Pulse width, receive data bit
0.96U†
1.05U†
ns
U5
tw(USB)R
Pulse width, receive start bit
0.96U†
1.05U†
ns
† U = UART baud time = 1/programmed baud rate
Table 5−51. UART Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
U1
fbaud
Maximum programmable baud rate
5
MHz
U2
tw(UDB)X
Pulse width, transmit data bit
U − 2†
U + 2†
ns
U3
tw(USB)X
Pulse width, transmit start bit
U − 2†
U + 2†
ns
† U = UART baud time = 1/programmed baud rate
U3
U2
Start
Bit
Data Bits
UART.TX
UART.RX
U5
Data Bits
Bit
Start
U4
Figure 5−48. UART Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com