Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 187 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 187 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 183Page - Texas Instruments TNETV2501INPGF Datasheet HTML 184Page - Texas Instruments TNETV2501INPGF Datasheet HTML 185Page - Texas Instruments TNETV2501INPGF Datasheet HTML 186Page - Texas Instruments TNETV2501INPGF Datasheet HTML 187Page - Texas Instruments TNETV2501INPGF Datasheet HTML 188Page - Texas Instruments TNETV2501INPGF Datasheet HTML 189Page - Texas Instruments TNETV2501INPGF Datasheet HTML 190Page - Texas Instruments TNETV2501INPGF Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 197 page
background image
Electrical Specifications
187
December 2002 − Revised November 2008
SPRS206K
5.17 Inter-Integrated Circuit (I2C) Timings
Table 5−48 and Table 5−49 assume testing over recommended operating conditions (see Figure 5−46 and
Figure 5−47).
Table 5−48. I2C Signals (SDA and SCL) Timing Requirements
NO.
STANDARD
MODE
FAST
MODE
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
IC1
tc(SCL)
Cycle time, SCL
10
2.5
µs
IC2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low for a repeated START
condition
4.7
0.6
µs
IC3
th(SCLL-SDAL)
Hold time, SCL low after SDA low for a START and a repeated
START condition
4
0.6
µs
IC4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
IC5
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
IC6
tsu(SDA-SCLH)
Setup time, SDA valid before SCL high
250
100†
ns
IC7
th(SDA-SCLL)
Hold time, SDA valid after SCL low
For I2C bus
 devices
0‡
0‡
0.9§
µs
IC8
tw(SDAH)
Pulse duration, SDA high between STOP and START conditions
4.7
1.3
µs
IC9
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb¶
300
ns
IC10
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb¶
300
ns
IC11
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb¶
300
ns
IC12
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb¶
300
ns
IC13
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for STOP condition)
4.0
0.6
µs
IC14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
ns
IC15
Cb¶
Capacitive load for each bus line
400
400
pF
† A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tsu(SDA−SCLH) ≥ 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period
of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA−SCLH) = 1000 + 250 = 1250 ns (according to the Standard-mode
I2C-Bus Specification) before the SCL line is released.
‡ A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the undefined
region of the falling edge of SCL.
§ The maximum th(SDA−SCLL) has only to be met if the 5501 I2C operates in master-receiver mode and the slave device does not stretch the LOW
period [tw(SCLL)] of the SCL signal.
¶ Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
IC10
IC8
IC4
IC3
IC7
IC12
IC5
IC6
IC14
IC2
IC3
IC13
Stop
Start
Repeated
Start
Stop
SDA
SCL
IC1
IC11
IC9
Figure 5−46. I2C Receive Timings
I2C Bus is a trademark of Koninklijke Philips Electronics N.V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com