Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 191 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 187Page - Texas Instruments TNETV2501INPGF Datasheet HTML 188Page - Texas Instruments TNETV2501INPGF Datasheet HTML 189Page - Texas Instruments TNETV2501INPGF Datasheet HTML 190Page - Texas Instruments TNETV2501INPGF Datasheet HTML 191Page - Texas Instruments TNETV2501INPGF Datasheet HTML 192Page - Texas Instruments TNETV2501INPGF Datasheet HTML 193Page - Texas Instruments TNETV2501INPGF Datasheet HTML 194Page - Texas Instruments TNETV2501INPGF Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 197 page
background image
Mechanical Data
191
December 2002 − Revised November 2008
SPRS206K
Table 6−1. Thermal Resistance Characteristics (Ambient) (Continued)
PACKAGE
AIRFLOW (LFM)
BOARD TYPE†
RθJA (°C/W)
60
High-K
0
52
High-K
150
49
High-K
250
PGF
45
High-K
500
PGF
104
Low-K
0
81
Low-K
150
73
Low-K
250
64
Low-K
500
† Board types are as defined by JEDEC. Reference JEDEC Standard JESD51−9, Test Boards for Area Array Surface Mount Package Thermal
Measurements.
‡ Adding thermal vias will significantly improve the thermal performance of the device. To use the thermal balls on the GZZ and ZZZ packages:
− An array of 25 land pads must be added on the top layer of the PCB where the package will be mounted.
− The PCB land pads should be the same diameter as the vias in the package substrate for optimal Board Level Reliability Temperature Cycle
performance.
− The land pads on the PCB should be connected together and to PCB through-holes. The PCB through-holes should in turn be connected
to the ground plane for heat dissipation.
− A solid internal plane is preferred for spreading the heat.
Refer to the MicroStar BGA
E Packaging Reference Guide (literature number SSYZ015) for guidance on PCB design, surface mount, and
reliability considerations.
Table 6−2. Thermal Resistance Characteristics (Case)
PACKAGE
RθJC (°C/W)
BOARD TYPE†
GZZ, ZZZ
22
2s JEDEC Test Card
PGF
13.2
2s JEDEC Test Card
† Board types are as defined by JEDEC. Reference JEDEC Standard JESD51−9, Test Boards for Area Array Surface
Mount Package Thermal Measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com