Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 130 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 126Page - Texas Instruments TNETV2501INPGF Datasheet HTML 127Page - Texas Instruments TNETV2501INPGF Datasheet HTML 128Page - Texas Instruments TNETV2501INPGF Datasheet HTML 129Page - Texas Instruments TNETV2501INPGF Datasheet HTML 130Page - Texas Instruments TNETV2501INPGF Datasheet HTML 131Page - Texas Instruments TNETV2501INPGF Datasheet HTML 132Page - Texas Instruments TNETV2501INPGF Datasheet HTML 133Page - Texas Instruments TNETV2501INPGF Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 197 page
background image
Functional Overview
130
December 2002 − Revised November 2008
SPRS206K
3.16.1
IFR and IER Registers
The Interrupt Enable Registers (IER0 and IER1) control which interrupts will be masked or enabled during
normal operation. The Interrupt Flag Registers (IFR0 and IFR1) contain flags that indicate interrupts that are
currently pending.
The Debug Interrupt Enable Registers (DBIER0 and DBIER1) are used only when the CPU is halted in the
real-time emulation mode. If the CPU is running in real-time mode, the standard interrupt processing (IER0/1)
is used and DBIER0/1 are ignored.
A maskable interrupt enabled in DBIER0/1 is defined as a time-critical interrupt. When the CPU is halted in
the real-time mode, the only interrupts that are serviced are time-critical interrupts that are also enabled in an
interrupt enable register (IER0 or IER1).
Write the DBIER0/1 to enable or disable time-critical interrupts. To enable an interrupt, set its corresponding
bit. To disable an interrupt, clear its corresponding bit. Initialize these registers before using the real-time
emulation mode.
A DSP hardware reset clears IFR0/1, IER0/1, and DBIER0/1 to 0. A software reset instruction clears IFR0/1
to 0 but does not affect IER0/1 and DBIER0/1.
The bit layouts of these registers for each interrupt are shown in Figure 3−51 and Figure 3−52. For more
information on the IER, IFR, and DBIER registers, refer to the TMS320C55x DSP CPU Reference Guide
(literature number SPRU371).
15
14
13
12
11
10
9
8
DMAC5
DMAC4
Reserved
UART
INT3/
WDTINT‡
DSPINT
DMAC1
Reserved
R/W, 0
R/W, 0
R/W, 0†
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
XINT1
RINT1
RINT0
TINT0
INT2
INT0
Reserved
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R, 0
LEGEND: R = Read, W = Write, n = value at reset
† This bit must be kept zero when writing to IER0.
‡ WDTINT is generated only when the WDT interrupt pin is connected to INT3 through the TSSR.
Figure 3−51. IFR0, IER0, DBIFR0, and DBIER0 Registers Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com