Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 131 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 127Page - Texas Instruments TNETV2501INPGF Datasheet HTML 128Page - Texas Instruments TNETV2501INPGF Datasheet HTML 129Page - Texas Instruments TNETV2501INPGF Datasheet HTML 130Page - Texas Instruments TNETV2501INPGF Datasheet HTML 131Page - Texas Instruments TNETV2501INPGF Datasheet HTML 132Page - Texas Instruments TNETV2501INPGF Datasheet HTML 133Page - Texas Instruments TNETV2501INPGF Datasheet HTML 134Page - Texas Instruments TNETV2501INPGF Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 197 page
background image
Functional Overview
131
December 2002 − Revised November 2008
SPRS206K
15
11
10
9
8
Reserved
RTOS
DLOG
BERR
R, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
I2C
TINT1
DMAC3
DMAC2
INT4
DMAC0
XINT0
INT1
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−52. IFR1, IER1, DBIFR1, and DBIER1 Registers Layout
3.16.2
Interrupt Timing
The external interrupts (NMI and INT) are synchronized to the CPU by way of a two-flip-flop synchronizer. The
interrupt inputs are sampled on falling edges of the CPU clock. A sequence on the interrupt pin of 1–0–0–0
on consecutive cycles is required for an interrupt to be detected. Therefore, the minimum low pulse duration
on the external interrupts on the 5501 is three CPU clock periods.
TIM0, TIM1, WDTOUT, and HPI.HAS can be configured to generate interrupts to the CPU. When they are used
for this function, these pins will generate the interrupt associated with that module, i.e., TIM0 will generate
TINT0, HPI.HAS will generate DSPINT, etc. Three SYSCLK1 clock cycles must be allowed to pass between
consecutive interrupts generated using the HPI.HAS signal; otherwise, the last interrupt will be ignored
(i.e., a sequence of 0−1−1−1−0 on consecutive cycles is required for consecutive interrupts). For more
information on configuring TIM0, TIM1, WDTOUT, and HPI.HAS as interrupt pins, please refer to the
TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618) for the timer pins and to
the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620) for
the HPI pin.
3.16.3
Interrupt Acknowledge
The IACK pin is used to indicate the receipt of an interrupt and that the program counter is fetching the interrupt
vector location designated on the address bus. As the CPU fetches the first word or the software vector, it
generates the IACK signal, which clears the appropriate interrupt flag bit. The IACK signal will go low for a total
of one CPU clock pulse and then go high again. For maskable interrupts, note that the CPU will not jump to
an interrupt service routine if the appropriate interrupt enable bit is not set; consequently, the IACK pin will not
go low when the interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com