Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 135 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 131Page - Texas Instruments TNETV2501INPGF Datasheet HTML 132Page - Texas Instruments TNETV2501INPGF Datasheet HTML 133Page - Texas Instruments TNETV2501INPGF Datasheet HTML 134Page - Texas Instruments TNETV2501INPGF Datasheet HTML 135Page - Texas Instruments TNETV2501INPGF Datasheet HTML 136Page - Texas Instruments TNETV2501INPGF Datasheet HTML 137Page - Texas Instruments TNETV2501INPGF Datasheet HTML 138Page - Texas Instruments TNETV2501INPGF Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 197 page
background image
Support
135
December 2002 − Revised November 2008
SPRS206K
4
Support
4.1
Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
4.1.1 Initialization Requirements for Boundary Scan Test
The TMS320VC5501 uses the JTAG port for boundary scan tests, emulation capability and factory test
purposes. To use boundary scan test, the EMU0 and EMU1/OFF pins must be held HIGH through a rising edge
of the TRST signal prior to the first scan. This operation selects the appropriate TAP control for boundary scan.
If at any time during a boundary scan test a rising edge of TRST occurs when EMU0 or EMU1/OFF are not
high, a factory test mode may be selected preventing boundary scan test from being completed. For this
reason, it is recommended that EMU0 and EMU1/OFF be pulled or driven high at all times during boundary
scan test.
4.1.2 Boundary Scan Description Language (BSDL) Model
BSDL models are available on the web in the TMS320VC5501 product folder under the “simulation models”
section.
4.2
Documentation Support
Extensive documentation supports all TMS320
 DSP family of devices from product announcement through
applications development. The following types of documentation are available to support the design and use
of the TMS320C5000
 platform of DSPs:
•
Device-specific data sheets
•
Complete user’s guides
•
Development support tools
•
Hardware and software application reports
•
MicroStar BGA
E Packaging Reference Guide (literature number SSYZ015)
TMS320C55x reference documentation that includes, but is not limited to, the following:
•
TMS320C55x DSP CPU Reference Guide (literature number SPRU371)
•
TMS320C55x DSP Mnemonic Instruction Set Reference Guide (literature number SPRU374)
•
TMS320C55x DSP Algebraic Instruction Set Reference Guide (literature number SPRU375)
•
TMS320C55x DSP Programmer’s Guide (literature number SPRU376)
•
TMS320C55x Assembly Language Tools User’s Guide (literature number SPRU280)
•
TMS320VC5501/5502 DSP Instruction Cache Reference Guide (literature number SPRU630)
•
TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618)
•
TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module Reference Guide
(literature number SPRU146)
•
TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)
•
TMS320VC5501/5502 DSP Direct Memory Access (DMA) Controller Reference Guide
(literature number SPRU613)
•
TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP)
Reference Guide (literature number SPRU592)
•
TMS320VC5501/5502 DSP External Memory Interface (EMIF) Reference Guide
(literature number SPRU621)
•
TMS320VC5501/5502 DSP Universal Asynchronous Receiver/Transmitter (UART) Reference Guide
(literature number SPRU597)
•
TMS320VC5502 and TMS320VC5501 Digital Signal Processors Silicon Errata (literature number
SPRZ020D or later)
•
TMS320VC5501/02 Power Consumption Summary Application Report (literature number SPRA993)
TMS320 and TMS320C5000 are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com