Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 137 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 133Page - Texas Instruments TNETV2501INPGF Datasheet HTML 134Page - Texas Instruments TNETV2501INPGF Datasheet HTML 135Page - Texas Instruments TNETV2501INPGF Datasheet HTML 136Page - Texas Instruments TNETV2501INPGF Datasheet HTML 137Page - Texas Instruments TNETV2501INPGF Datasheet HTML 138Page - Texas Instruments TNETV2501INPGF Datasheet HTML 139Page - Texas Instruments TNETV2501INPGF Datasheet HTML 140Page - Texas Instruments TNETV2501INPGF Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 197 page
background image
Electrical Specifications
137
December 2002 − Revised November 2008
SPRS206K
5
Electrical Specifications
This section provides the absolute maximum ratings and the recommended operating conditions for the
TMS320VC5501 DSP.
All electrical and switching characteristics in this data manual are valid over the recommended operating
conditions unless otherwise specified.
5.1
Absolute Maximum Ratings
The list of absolute maximum ratings are specified over operating case temperature. Stresses beyond those
listed under Section 5.2, Electrical Specifications, may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated under Section 5.3, Recommended Operating Conditions, is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability. All supply voltage
values (core and I/O) are with respect to VSS. Figure 5−1 provides the test load circuit values for a 3.3-V
device. Measured timing information contained in this data manual is based on the test load setup and
conditions shown in Figure 5−1.
5.2
Electrical Specifications
This section provides the absolute maximum ratings for the TMS320VC5501 DSP.
Supply voltage I/O range, DVDD
− 0.3 V to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage core range, CVDD
− 0.3 V to 2.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
− 0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, Vo
− 0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
− 55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Recommended Operating Conditions
This section provides the recommended operating conditions for the TMS320VC5501 DSP.
MIN
NOM
MAX
UNIT
DVDD
Device supply voltage, I/O
3.0
3.3
3.6
V
CVDD
Device supply voltage, core
1.20
1.26
1.32
V
PVDD
Device supply voltage, PLL
3.0
3.3
3.6
V
VSS
Supply voltage, GND
0
V
VIH
High-level input voltage, I/O
Hysteresis inputs
DVDD = 3.0 − 3.6 V
2.2
DVDD + 0.3
V
VIH
High-level input voltage, I/O
All other inputs
DVDD = 3.0 − 3.6 V
2
DVDD + 0.3
V
VIL
Low-level input voltage, I/O
Hysteresis inputs
DVDD = 3.0 − 3.6 V
−0.3
0.8
V
VIL
Low-level input voltage, I/O
All other inputs
DVDD = 3.0 − 3.6 V
−0.3
0.8
V
IOH
High-level output current
All outputs
− 300
µA
IOL
Low-level output current
All outputs
1.5
mA
TC
Operating case temperature
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com