Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 133 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 129Page - Texas Instruments TNETV2501INPGF Datasheet HTML 130Page - Texas Instruments TNETV2501INPGF Datasheet HTML 131Page - Texas Instruments TNETV2501INPGF Datasheet HTML 132Page - Texas Instruments TNETV2501INPGF Datasheet HTML 133Page - Texas Instruments TNETV2501INPGF Datasheet HTML 134Page - Texas Instruments TNETV2501INPGF Datasheet HTML 135Page - Texas Instruments TNETV2501INPGF Datasheet HTML 136Page - Texas Instruments TNETV2501INPGF Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 197 page
background image
Functional Overview
133
December 2002 − Revised November 2008
SPRS206K
0
4
2
1
3
0
5
10
15
−1
20
nanoseconds (ns)
2.5 V
0.6 V
Figure 3−53. Bad TCK Transition
nanoseconds (ns)
0
2
1
3
0
5
10
15
−1
20
4
2.5 V
0.6 V
Figure 3−54. Good TCK Transition
As the problem may be caused by one or more of the above factors, one or more of the steps outlined below
may be necessary to fix it:
•
Avoid using a socket
•
Ensure the board design achieves rise times and fall times of less than 3 ns with clean monotonic edges
for the TCK signal.
•
For designs where TCK is supplied by the emulation pod, implement noise filtering circuitry on the target
board. A sample circuit is shown in Figure 3−55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com