Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 3Page - STMicroelectronics L6759D Datasheet HTML 4Page - STMicroelectronics L6759D Datasheet HTML 5Page - STMicroelectronics L6759D Datasheet HTML 6Page - STMicroelectronics L6759D Datasheet HTML 7Page - STMicroelectronics L6759D Datasheet HTML 8Page - STMicroelectronics L6759D Datasheet HTML 9Page - STMicroelectronics L6759D Datasheet HTML 10Page - STMicroelectronics L6759D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
L6759D
Typical application circuit and block diagram
Doc ID 023240 Rev 1
7/51
Figure 2.
Typical 2-phase application circuit
HS1
LS1
L1
CHF
CDEC
R
C
BOOT
UGATE
PHASE
LGATE
PWM
VCC
EN
+12V
RG
HS2
LS2
L2
CHF
R
C
BOOT
UGATE
PHASE
LGATE
VCC
EN
+12V
RG
SHS
SLS
SL
CHF
BOOT
UGATE
PHASE
LGATE
PWM
VCC
EN
+12V
RG
SPWM
SCSP
SCSN
CS3N
CS3P
PWM3
CS2N
CS2P
PWM2
CS1N
CS1P
PWM1
VR12 LOAD
VR12 SVID Bus
COUT
CMLCC
CSOUT
CSMLCC
GND
PWM
GND
GND
CDEC
CDEC
CF
RF
CI
RI
RFB
CP
RGND
VSEN
FB
COMP
CREF
RREF
REF
CSF
RSF
CSI
RSI
RSFB
CSP
SRGND
SVSEN
SFB
SCOMP
CLTB
RLTB
LTB
ENDRV
IMAX
+12V
VDRV
SDRP / ADDR
OSC
SOSC
+5V
VCC5
GDC
GND
(PAD)
VRRDY
SVRRDY
VR_RDY
SVR_RDY
VR_HOT
VR_HOT
EN
EN
RIMON
IMON
RILIM
ILIM
TM
VCC5
NTC (NTHS0805N02N6801)
ST L6759D
ST L6759D (2+1) Reference Schematic
SFBR
CILIM
FBR
CIMON
+5V
SMAL#
SMDATA
SMCLOCK
SMBus
TCOMP
PHASE
VIN
+12V
(Vin Sense)
to PHASE1
(NTC Optional)
to VCC5
RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com