Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 42Page - STMicroelectronics L6759D Datasheet HTML 43Page - STMicroelectronics L6759D Datasheet HTML 44Page - STMicroelectronics L6759D Datasheet HTML 45Page - STMicroelectronics L6759D Datasheet HTML 46Page - STMicroelectronics L6759D Datasheet HTML 47Page - STMicroelectronics L6759D Datasheet HTML 48Page - STMicroelectronics L6759D Datasheet HTML 49Page - STMicroelectronics L6759D Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
PMBus support
L6759D
46/51
Doc ID 023240 Rev 1
12.3
Input voltage monitoring (READ_VIN)
The dedicated PMBus command allows the user to monitor input voltage. By connecting the
VIN pin to the input voltage with recommended resistor values, the L6759D returns the
value of the input voltage measured as a voltage (linear format, N= -4).
The divider needs to be programmed to have 1.24 V on the pin when VIN=15.9375 V.
According to this, RUP=118.5 kΩ and RDOWN=10 kΩ.
Errors in defining the divider lead to monitoring errors accordingly.
Filter the VIN pin locally to GND to increase stability of the voltage being measured.
12.4
Duty cycle monitoring (READ_DUTY)
The dedicated PMBus command allows the user to monitor duty cycle for multi-phase with
the aim of calculating input current inexpensively (no need for input current sense resistors).
By connecting the PHASE pin to the phase1 PHASE pin, the L6759D returns the value of
the duty-cycle as a percentage (linear format, N=-2).
The divider needs to be programmed to respect absolute maximum ratings for the pin (7
Vmax). According to this, RUP=5.6 kΩ and RDOWN=470 Ω.
12.5
Output voltage monitoring (READ_VOUT)
The dedicated PMBus command allows the user to monitor the output voltage for both
sections. The L6759D returns the value of the programmed VID in VID LSBs (i.e. number of
LSBs. C8h = 200 dec x 5 mV = 1.000 V).
12.6
Output current monitoring (READ_IOUT)
The dedicated PMBus command allows the user to monitor the output current for the multi-
phase section. The L6759D returns the value of the delivered current by reading IMON
voltage (same as VR12 Register 15h) in amperes (linear format, N=0).
12.7
Temperature monitoring (READ_TEMPERATURE)
The dedicated PMBus command allows the user to monitor the temperature of the power
section for multi-phase. The L6759D returns the value of the temperature sensed by NTC
connected on the TM pin (the same as VR12 temperature zone) in celsius degrees (linear
format, N=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com