Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 12Page - STMicroelectronics L6759D Datasheet HTML 13Page - STMicroelectronics L6759D Datasheet HTML 14Page - STMicroelectronics L6759D Datasheet HTML 15Page - STMicroelectronics L6759D Datasheet HTML 16Page - STMicroelectronics L6759D Datasheet HTML 17Page - STMicroelectronics L6759D Datasheet HTML 18Page - STMicroelectronics L6759D Datasheet HTML 19Page - STMicroelectronics L6759D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Electrical specifications
L6759D
16/51
Doc ID 023240 Rev 1
IMON ADC
GetReg(15h)
V(IMON) = 0.992 V
CC
Hex
Accuracy
C0
CF
Hex
PWM outputs and ENDRV
PWMx,
SPWM
Output high
I = 1 mA
5
V
Output low
I = -1 mA
0.2
V
IPWM1
Test current
Sourced from pin, EN=0
10
µA
IPWM2
Sourced from pin, EN=0
0
µA
IPWM3, SPWM
Sourced from pin, EN=0
-10
µA
ENDRV
Voltage low
IENDRV = -4 mA
0.4
V
Protection (both sections)
OVP
Overvoltage protection
VSEN rising; wrt Ref.
100
200
mV
UVP
Undervoltage protection
VSEN falling; wrt Ref; Ref > 500 mV
-525
-375
mV
FBR DISC
FB disconnection
VCS- rising, above VSEN/SVSEN
650
700
750
mV
FBG DISC
FBG disconnection
FBR rising wrt VID
950
1000
1050
mV
VR_RDY,
SVR_RDY
Voltage low
ISINK = -4 mA
0.4
V
VOC_TOT
OC threshold
VILIM rising, to GND
2.45
2.5
2.55
V
IOC_TH
Constant current(1)
MPhase only
35
µA
VR_HOT
Voltage low
ISINK = -4 mA
13
Ω
Gate drive control
GDC
Max. current(1)
Any PS
200
mA
Impedance
PS00h (GDC = VDRV)
6
Ω
> PS00h (GDC = VCC5)
6
Ω
1.
Guaranteed by design, not subject to test.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com