| Electronic Components Datasheet Search |
|
L6759D Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6759D Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 51 page ![]() L6759D Output voltage positioning Doc ID 023240 Rev 1 25/51 6.5 Single-phase section - disable The single-phase section can be disabled by pulling high the SPWM pin. The related command is rejected. 6.6 Single-phase section - current reading The single-phase section performs the same differential current reading across DCR as the multi-phase section. According to Section 6.2, the current that flows from the SCSN pin is then given by the following equation (see Figure 9): Equation 7 6.7 Single-phase section - defining load-line This method introduces a dependence of the output voltage on the load current recovering part of the drop due to the output capacitor ESR in the load transient. Introducing a depen- dence of the output voltage on the load current, a static error, proportional to the output cur- rent, causes the output voltage to vary according to the sensed current. Figure 9 shows the current sense circuit used to implement the load-line. The current flow- ing across the inductor DCR is read through RSG. RSG programs a trans-conductance gain and generates a current ISDROOP proportional to the current delivered by the single-phase section that is then sourced from the SFB pin with proper gain eventually adjusted by the PMBus commands. RSFB gives the final gain to program the desired load-line slope (Figure 8). The output characteristic vs. load current is then given by: Equation 8 where RSLL is the resulting load-line resistance implemented by the single-phase section. The RSFB resistor can be then designed according to RSLL as follows: Equation 9 6.8 Dynamic VID transition support The L6759D manages dynamic VID transitions that allow the output voltage of both sections to modify during normal device operation for power management purposes. OV, UV, and per-phase OC signals are masked during every DVID transition and they are re-activated with proper delay to prevent false triggering. Total OC is active even during DVID. I SCSN DCR R SG ------------- I SOUT ⋅ I SDROOP == V SOUT VID R SFB I SDROOP= VID R SFB DCR R SG ------------- I SOUT VID R SLL I SOUT ⋅ – = ⋅⋅ – = ⋅ – = R SFB R SLL R SG DCR ------------- ⋅ = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |