Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 9Page - STMicroelectronics L6759D Datasheet HTML 10Page - STMicroelectronics L6759D Datasheet HTML 11Page - STMicroelectronics L6759D Datasheet HTML 12Page - STMicroelectronics L6759D Datasheet HTML 13Page - STMicroelectronics L6759D Datasheet HTML 14Page - STMicroelectronics L6759D Datasheet HTML 15Page - STMicroelectronics L6759D Datasheet HTML 16Page - STMicroelectronics L6759D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
L6759D
Pin description and connection diagrams
Doc ID 023240 Rev 1
13/51
2.2
Thermal data
Table 3.
Thermal data
47
SVR_RDY
VR ready.
Open drain output set free after SS has finished in single-phase section
and pulled low when triggering any protection for the single-phase sec-
tion.Pull up to a voltage lower than 3.3 V (typ.), if not used it can be left
floating.
48
ENDRV
Enable driver.
CMOS output driven high when the IC commands the drivers. Used in
conjunction with the HiZ window on the PWMx pins to optimize the
multi-phase section overall efficiency. Connect directly to external driver
enable pin.
PAD
GND
GND connection. All internal references and logic are referenced to this
pin. Filter to VCC with proper MLCC capacitor and connect to the PCB
GND plane.
Table 2.
Pin description (continued)
Pin#
Name
Function
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
(device soldered on 2s2p PC board)
40
°C/W
RthJC
Thermal resistance junction to case
1
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
0 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com