Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 35Page - STMicroelectronics L6759D Datasheet HTML 36Page - STMicroelectronics L6759D Datasheet HTML 37Page - STMicroelectronics L6759D Datasheet HTML 38Page - STMicroelectronics L6759D Datasheet HTML 39Page - STMicroelectronics L6759D Datasheet HTML 40Page - STMicroelectronics L6759D Datasheet HTML 41Page - STMicroelectronics L6759D Datasheet HTML 42Page - STMicroelectronics L6759D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
L6759D
System control loop compensation
Doc ID 023240 Rev 1
39/51
11
System control loop compensation
The control system can be modeled with an equivalent single-phase converter whose only
difference is the equivalent inductor L/N (where each phase has an L inductor and N is the
number of the configured phases), see Figure 16.
Figure 16.
Equivalent control loop
The control loop gain results (obtained opening the loop after the COMP pin):
Equation 21
where:
RLL is the equivalent output resistance determined by the droop function (voltage
positioning)
ZP(s) is the impedance resulting from the parallel of the output capacitor (and its ESR)
and the applied load RO
ZF(s) is the compensation network impedance
ZL(s) is the equivalent inductor impedance
A(s) is the error amplifier gain
is the PWM transfer function.
The control loop gain is designed in order to obtain a high DC gain to minimize static error
and to cross the 0dB axes with a constant -20 dB/dec slope with the desired crossover
frequency
ωT. Neglecting the effect of ZF(s), the transfer function has one zero and two
poles; both the poles are fixed once the output filter is designed (LC filter resonance
ωLC)
and the zero (
ωESR) is fixed by ESR and the droop resistance.
Ref
COMP
RF
CF
RFB
PWM
L/N
ESR
CO
d VCOMP
VOUT
ZF(s)
ZFB(s)
FBR
RGND
G
LOOP s
()
PWM
Z
F s
()
R
LL
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
+
-------------------------------------------------------------------------------------------------------------------------
=
PWM
9
10
------
V
IN
∆V
OSC
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com