Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 5Page - STMicroelectronics L6759D Datasheet HTML 6Page - STMicroelectronics L6759D Datasheet HTML 7Page - STMicroelectronics L6759D Datasheet HTML 8Page - STMicroelectronics L6759D Datasheet HTML 9Page - STMicroelectronics L6759D Datasheet HTML 10Page - STMicroelectronics L6759D Datasheet HTML 11Page - STMicroelectronics L6759D Datasheet HTML 12Page - STMicroelectronics L6759D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
L6759D
Pin description and connection diagrams
Doc ID 023240 Rev 1
9/51
2
Pin description and connection diagrams
Figure 4.
Pin connection (top view)
2.1
Pin description
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
36 35 34 33 32 31 302928 27 26 25
12
3
4567
8
910 11 12
TM
SPWM
VR_HOT
TCOMP
SCSP
ILIM
SRGND
SFBR
SVSEN
SFB
SCOMP
SCSN
ENDRV
SVR_RDY
IMON
REF
RGND
LTB
FBR
VSEN
FB
COMP
VDRV
GDC
L6759D
Table 2.
Pin description
Pin#
Name
Function
1 to 3
PWM3 to
PWM1
PWM outputs.
Connect to multi-phase external drivers PWM input. These pins are also
used to configure HiZ levels for compatibility with drivers and DrMOS.
During normal operations the device is able to manage the HiZ status
by setting and holding the PWMx pin to a pre-defined fixed voltage.
Connect PWM3 to 5 V through 1 kW resistor to program 2-phase opera-
tion.
4
PHASE
Connect through resistor divider to Channel1 multi-phase switching
node.
5
VR_RDY
VR ready. Open drain output set free after SS has finished in multi-
phase and pulled low when triggering any protection on the multi-phase
section. Pull up to a voltage lower than 3.3 V (typ.), if not used it can be
left floating.
6CS3P
Channel 3 current sense positive input. Connect through an R-C filter to
the phase-side of the channel 3 inductor. When working at 2-phase,
short to the regulated voltage.
7CS3N
Channel 3 current sense negative input. Connect through an Rg resistor
to the output-side of the channel inductor. When working at 2-phase,
still connect through Rg to CS3P and then to the regulated voltage. Fil-
ter the output-side of Rg with 100 nF (typ.) to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com