Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 10Page - STMicroelectronics L6759D Datasheet HTML 11Page - STMicroelectronics L6759D Datasheet HTML 12Page - STMicroelectronics L6759D Datasheet HTML 13Page - STMicroelectronics L6759D Datasheet HTML 14Page - STMicroelectronics L6759D Datasheet HTML 15Page - STMicroelectronics L6759D Datasheet HTML 16Page - STMicroelectronics L6759D Datasheet HTML 17Page - STMicroelectronics L6759D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Electrical specifications
L6759D
14/51
Doc ID 023240 Rev 1
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
VCC5 = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDRV, GDC
to GND
-0.3 to 14
V
VCC5, TM, STM, SPWM, PWMx,
SENDRV, ENDRV, SCOMP, COMP,
SMDATA, SMAL#, SMCLK
to GND
-0.3 to 7
V
All other pins
to GND
-0.3 to 3.6
V
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
IVCC5
VCC5 supply current
EN = high
28
mA
EN = low
22
mA
UVLOVCC5
VCC5 turn-ON
VCC5 rising
4.1
V
VCC5 turn-OFF
VCC5 falling
3
V
UVLOVDRV
VDRV turn-ON
VDRV rising
6
V
VDRV turn-OFF
VDRV falling
3
4.1
V
UVLOVIN
VIN turn-ON
VIN rising, RUP. = 118.5 kΩ; RDOWN
= 10 k
Ω
6V
VIN turn-OFF
VIN falling, RUP. = 118.5 kΩ;
RDOWN = 10 kΩ
34.1
V
Oscillator, Soft-start and enable
FSW
Main oscillator accuracy
OSC = open
170
200
230
kHz
Oscillator adjustability
ROSC = 47 kΩ to GND
378
420
462
kHz
FSSW
Main oscillator accuracy
SOSC = open
195
230
265
kHz
Oscillator adjustability
RSOSC = 47 kΩ to GND
432
480
528
kHz
∆VOSC
PWM ramp amplitude(1)
1.5
V
FAULT
Voltage at pin OSC,
SSOSC
Latch active for related section
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com