Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 6Page - STMicroelectronics L6759D Datasheet HTML 7Page - STMicroelectronics L6759D Datasheet HTML 8Page - STMicroelectronics L6759D Datasheet HTML 9Page - STMicroelectronics L6759D Datasheet HTML 10Page - STMicroelectronics L6759D Datasheet HTML 11Page - STMicroelectronics L6759D Datasheet HTML 12Page - STMicroelectronics L6759D Datasheet HTML 13Page - STMicroelectronics L6759D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Pin description and connection diagrams
L6759D
10/51
Doc ID 023240 Rev 1
8CS2N
Channel 2 current sense negative input. Connect through an Rg resistor
to the output-side of the channel inductor. Filter the output-side of Rg
with 100 nF (typ.) to GND.
9CS2P
Channel 2 current sense positive input. Connect through an R-C filter to
the phase-side of the channel 2 inductor.
10
CS1P
Channel 1 current sense positive input. Connect through an R-C filter to
the phase-side of the channel 1 inductor.
11
CS1N
Channel 1 current sense negative input. Connect through an Rg resistor
to the output-side of the channel inductor. Filter the output-side of Rg
with 100 nF (typ.) to GND.
12
SOSC
Oscillator pin.
It allows the programming of the switching frequency FSSW for the sin-
gle-phase section. The pin is internally set to 1.02 V, frequency for sin-
gle-phase is programmed according to the resistor connected to GND
or VCC with a gain of 11.5 kHz/µA. Leaving the pin floating programs a
switching frequency of 230 kHz. See Section 10 for details.
13
TM
Thermal monitor sensor.
Connect with the proper network embedding NTC to the multi-phase
power section. The IC senses the power section temperature and uses
the information to define the VR_HOT signal and temperature zone reg-
ister.
By programming proper TCOMP gain, the IC also implements load-line
thermal compensation for the multi-phase section.
In JMode, the pin disables the single-phase section if shorted to GND.
Pull up to VCC5 with 1 k
Ω to disable the thermal sensor. See Section 6
for details.
14
SPWM /
SEN
PWM output.
Connect to single-phase external driver PWM input. During normal
operations the device is able to manage HiZ status by setting and hold-
ing the SPWM pin to a fixed voltage defined by PWMx strapping.
Connect to VCC5 with 1 k
Ω to disable the single-phase section.
15
VR_HOT
Voltage regulator HOT.
Open drain output, this is an alarm signal asserted by the controller
when the temperature sensed through the TM pin exceeds TMAX
(active low). See Section 6 for details.
16
TCOMP
Thermal monitor sensor gain.
Connect the proper resistor divider between VCC5 and GND to define
the gain to apply to the signal sensed by TM to implement thermal com-
pensation for the multi-phase section. Short to GND to disable tempera-
ture compensation (but not thermal monitor). See Section 6 for details.
17
SCSP
Single-phase section current sense positive input. Connect through an
R-C filter to the phase-side of the channel 1 inductor.
18
SCSN
Single-phase section current sense negative input. Connect through an
Rg resistor to the output-side of the channel inductor. Filter the output-
side of Rg with 100 nF (typ.) to GND.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com