Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 25Page - STMicroelectronics L6759D Datasheet HTML 26Page - STMicroelectronics L6759D Datasheet HTML 27Page - STMicroelectronics L6759D Datasheet HTML 28Page - STMicroelectronics L6759D Datasheet HTML 29Page - STMicroelectronics L6759D Datasheet HTML 30Page - STMicroelectronics L6759D Datasheet HTML 31Page - STMicroelectronics L6759D Datasheet HTML 32Page - STMicroelectronics L6759D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
L6759D
Output voltage monitoring and protection
Doc ID 023240 Rev 1
29/51
into consideration also the extra current needed during the DVID transition (IDVID) and the
process spread and temperature variations of the sensing elements (inductor DCR).
Moreover, since also the internal threshold spreads, the design must consider the mini-
mum/maximum values of the threshold.
7.2.1
Multi-phase section
The L6759D features two independent load indicator signals, IMON and ILIM, to properly
manage OC protection, current monitoring and DPM. Both IMON and ILIM sources a current
proportional to the current delivered by the regulator, as follows:
Equation 12
The IMON and ILIM pins are connected to GND through a resistor (RIMON and RILIM respec-
tively), implementing a load indicator with different targets.
IMON is used for current reporting purposes and for the DPM phase shedding. RIMON
must be designed considering that IMAX must correspond to 1.24 V (for correct IMAX
detection)
ILIM is used for the overcurrent protection only. RILIM must be designed considering that
the OC protection is triggered when V(ILIM)=2.5 V.
In addition, the L6759D also performs per-phase OC protection.
Per-phase OC. Maximum information current per-phase (IINFOx) is internally limited to
35
µA. This end-of-scale current (IOC_TH) is compared with the information current
generated for each phase (IINFOx). If the current information for the single-phase
exceeds the end-of-scale current (i.e. if IINFOx > IOC_TH), the device turns on the LS
MOSFET until the threshold is re-crossed (i.e. until IINFOx < IOC_TH)
Total current OC. The ILIM pin allows a maximum total output current to be defined for
the system (IOC_TOT). The ILIM current is sourced from the ILIM pin. By connecting a
resistor RILIM to GND, a load indicator with 2.5 V (VOC_TOT) end-of-scale can be
implemented. When the voltage present at the ILIM pin crosses VOC_TOT, the device
detects an OC and immediately latches with all the MOSFETs of all the sections OFF
(HiZ).
The typical design considers the intervention of the total current OC before the per-phase
OC, leaving this last one as an extreme-protection in case of hardware failures in the exter-
nal components. Per-phase OC depends on the RG design while total OC is dependant on
the ILIM design and on the application TDC and max. current supported. The typical design
flow is the following:
Define the maximum total output current (IOC_TOT) according to system requirements
(IMAX, ITDC). Considering the IMON design, IMAX must correspond to 1.24 V (for correct
IMAX detection) while in the ILIM design, IOC_TOT must correspond to 2.5 V
Design the per-phase OC and RG resistor in order to have IINFOx = IOC_TH (35 µA)
when IOUT is about 10% higher than the IOC_TOT current. It results:
I
MON
I
LIM
DCR
R
G
-------------
I
OUT
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com