Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 32Page - STMicroelectronics L6759D Datasheet HTML 33Page - STMicroelectronics L6759D Datasheet HTML 34Page - STMicroelectronics L6759D Datasheet HTML 35Page - STMicroelectronics L6759D Datasheet HTML 36Page - STMicroelectronics L6759D Datasheet HTML 37Page - STMicroelectronics L6759D Datasheet HTML 38Page - STMicroelectronics L6759D Datasheet HTML 39Page - STMicroelectronics L6759D Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Efficiency optimization
L6759D
36/51
Doc ID 023240 Rev 1
In fact, high driving voltages are required to get good efficiencies in high loading conditions.
On the contrary, in lower loading conditions, such high driving voltage penalizes efficiency
because of high losses in Qgs. GDC allows to tune the MOSFET driving voltage according
to the delivered current.
Default configuration considers GDC always switched to VDRV except when the current
monitor is lower than N*10 or when entering power states higher than PS01h (included): in
this case, to further increase efficiency, simply supply the Phase1 and Phase2 driver
through the GDC pin. Their driving voltage is automatically updated as lower power states
are commanded through the SVI interface.
Further optimization may be possible by properly setting the automatic GDC threshold
through a dedicated PMBus command. It is then possible to modify the gate driving voltage
switch-over in PS00h. According to the positioning of the threshold compared with DPM
thresholds, it is possible to achieve different performances. Simulations and/or bench tests
may be of help in defining the best performing configuration achievable with the active and
passive components available.
Figure 13 gives a comparison of the efficiency improvements with DPM/GDC enabled with
respect to standard solutions.
Figure 13.
Efficiency performances with and without enhancements (DPM, GDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com