Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 27Page - STMicroelectronics L6759D Datasheet HTML 28Page - STMicroelectronics L6759D Datasheet HTML 29Page - STMicroelectronics L6759D Datasheet HTML 30Page - STMicroelectronics L6759D Datasheet HTML 31Page - STMicroelectronics L6759D Datasheet HTML 32Page - STMicroelectronics L6759D Datasheet HTML 33Page - STMicroelectronics L6759D Datasheet HTML 34Page - STMicroelectronics L6759D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
L6759D
Output voltage monitoring and protection
Doc ID 023240 Rev 1
31/51
7.2.3
Single-phase section
The L6759D monitors both the per-phase currents and allows the setting of an OC threshold
as follows:
Per-phase OC. Maximum information current per-phase (ISINFOx) is internally limited to
35
µA. This end-of-scale current (ISOC_TH) is compared with the information current
generated for each phase (ISINFOx). If the current information for the single-phase
exceeds the end-of-scale current (i.e. if ISINFOx > ISOC_TH), the device turns on the LS
MOSFET until the threshold is re-crossed (i.e. until ISINFOx < ISOC_TH).
Typical design is dependant on the application TDC and max. current supported. The
typical design flow is the following:
Define the maximum total output current (ISOC_TOT) according to system
requirements (ISMAX, ISTDC).
Design the per-phase OC and RSG resistor in order to have ISINFOx = ISOC_TH (35
µA) when ISOUT = ISOC_TOT current. It results:
Equation 16
where DCR is the DC resistance of the inductors. RSG should be designed in worst-
case conditions.
Adjust the defined values according to the bench-test of the application.
01h, 02h
3
1.650 V
2
2.500 V
Table 9.
Multi-phase section OC scaling and power states (continued)
Power state [Hex]
N
OC level (VOC_TOT)
R
SG
I
SOC_TOT
DCR
I
SOCTH
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com