Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 22Page - STMicroelectronics L6759D Datasheet HTML 23Page - STMicroelectronics L6759D Datasheet HTML 24Page - STMicroelectronics L6759D Datasheet HTML 25Page - STMicroelectronics L6759D Datasheet HTML 26Page - STMicroelectronics L6759D Datasheet HTML 27Page - STMicroelectronics L6759D Datasheet HTML 28Page - STMicroelectronics L6759D Datasheet HTML 29Page - STMicroelectronics L6759D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Output voltage positioning
L6759D
26/51
Doc ID 023240 Rev 1
When dynamically changing the regulated voltage (DVID), the system needs to charge or
discharge the output capacitor accordingly. This means that an extra-current IDVID needs to
be delivered (especially when increasing the output regulated voltage) and it must be con-
sidered when setting the overcurrent threshold of both the sections. This current results:
Equation 10
where dVOUT / dTVID depends on the specific command issued (10 mV/µsec. for
SetVID_Fast and 2.5 mV/
µsec. for SetVID_Slow). Surpassing the total OC threshold during
the dynamic VID causes the device to latch and disable. Set proper filtering on ILIM to pre-
vent from false total-OC tripping.
As soon as the controller receives a new valid command to set the VID level for one (or
both) of the two sections, the reference of the involved section steps up or down according
to the target VID with the programmed slope until the new code is reached. If a new valid
command is issued during the transition, the device updates the target-VID level and
performs the dynamic transition up to the new code. OV and UV are masked during the
transition and re-activated with proper delay after the end of the transition to prevent false
triggering.
6.9
DVID optimization: REF
A high slew-rate for dynamic VID transitions cause overshoot and undershoot on the
regulated voltage, causing a violation in the microprocessor requirement. To compensate for
this behavior and to remove any undershoot in the transition, each section features a DVID
optimization circuit.
The reference used for the regulation is available on the REF/SREF pin (see Figure 10).
Connect an RREF/CREF to GND to optimize the DVID behavior. The components may be
designed as follows:
Equation 11
where
∆Vosc is the PWM ramp and kV the gain for the voltage loop (see Section 11).
During a DVID transition, the REF pin moves according to the command issued
(SetVIDFast, SetVIDSlow); the current requested to charge/discharge the RREF/CREF
network is mirrored and added to the droop current compensating for undershoot on the
regulated voltage.
Optimization through the REF pin is active only for downward VID transition.
I
DVID
C
OUT
dV
OUT
dT
VID
------------------
⋅
=
C
REF
C
F
1
∆V
OSC
k
V
V
IN
⋅
----------------------
–
⎝⎠
⎛⎞
⋅
=
R
REF
R
F
C
F
⋅
C
REF
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com