Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 19Page - STMicroelectronics L6759D Datasheet HTML 20Page - STMicroelectronics L6759D Datasheet HTML 21Page - STMicroelectronics L6759D Datasheet HTML 22Page - STMicroelectronics L6759D Datasheet HTML 23Page - STMicroelectronics L6759D Datasheet HTML 24Page - STMicroelectronics L6759D Datasheet HTML 25Page - STMicroelectronics L6759D Datasheet HTML 26Page - STMicroelectronics L6759D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
L6759D
Output voltage positioning
Doc ID 023240 Rev 1
23/51
trans-conductance ratio is issued by the external resistor RG placed outside the chip
between the CSxN pin toward the reading points. The current sense circuit always tracks the
current information, the CSxP pin is used as a reference keeping the CSxN pin to this volt-
age. To correctly reproduce the inductor current, an R-C filtering network must be intro-
duced in parallel to the sensing element. The current that flows from the CSxN pin is then
given by the following equation (see Figure 9 ):
Equation 2
Considering the matching of the time constant between the inductor and the R-C filter
applied (time constant mismatches cause the introduction of poles into the current reading
network causing instability. In addition, it is also important for the load transient response
and to let the system show resistive equivalent output impedance) it results:
Equation 3
Figure 9.
Current reading
The current read through the CSxP / CSxN pairs is converted into a current IINFOx propor-
tional to the current delivered by each phase and the information about the average current
IAVG = ΣIINFOx / N is internally built into the device (N is the number of working phases). The
error between the read current IINFOx and the reference IAVG is then converted into a voltage
that, with a proper gain, is used to adjust the duty cycle whose dominant value is set by the
voltage error amplifier in order to equalize the current carried by each phase.
6.3
Multi-phase section - defining load-line
The L6759D introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a
dependence of the output voltage on the load current, a static error, proportional to the
output current, causes the output voltage to vary according to the sensed current.
I
CSxN
DCR
R
G
-------------
1s
L
DCR
⁄
⋅
+
1s
R
C
⋅⋅
+
--------------------------------------------
I
⋅
PHASEx
⋅
=
L
DCR
-------------
RC
I
CSxN
R
L
R
G
--------
I
PHASEx
⋅
=
⇒
⋅
I
INFOx
==
Lx
CSxP
CSxN
DCRx
R
C
RG
I
PHASEx
Inductor DCR Current Sense
ICSxN=IINFOx
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com