Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 26Page - STMicroelectronics L6759D Datasheet HTML 27Page - STMicroelectronics L6759D Datasheet HTML 28Page - STMicroelectronics L6759D Datasheet HTML 29Page - STMicroelectronics L6759D Datasheet HTML 30Page - STMicroelectronics L6759D Datasheet HTML 31Page - STMicroelectronics L6759D Datasheet HTML 32Page - STMicroelectronics L6759D Datasheet HTML 33Page - STMicroelectronics L6759D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Output voltage monitoring and protection
L6759D
30/51
Doc ID 023240 Rev 1
Equation 13
where N is the number of phases and DCR the DC resistance of the inductors. RG
should be designed in worst-case conditions
●
Design the RIMON in order to have the IMON pin voltage to 1.24 V at the IMAX current
specified by the design. It results:
Equation 14
where IMAX is max. current requested by the processor (see Intel documentation for
details)
●
Design the RILIM in order to have the ILIM pin voltage to 2.5 V at the IOC_TOT current
specified above. It results:
Equation 15
where IOC_TOT is the overcurrent switch-over threshold previously defined
●
Adjust the defined values according to the bench-test of the application
●
CILIM in parallel to RILIM can be added with a proper time constant to prevent false OC
tripping and/or delay
●
CIMON in parallel to RIMON can be added to adjust the averaging interval for the current
reporting and/or to adjust the DPM latencies. Additionally, it can be increased to
prevent false Total-OC tripping during DVID.
Note:
This is the typical design flow. Custom design and specifications may require different
settings and ratios between the per-phase OC threshold and the total current OC threshold.
Applications with big ripple across inductors may be required to set per-phase OC to values
different than 110%: the design flow should be modified accordingly.
7.2.2
Overcurrent and power states
When the controller receives the SetPS command through the SVI interface, it automatically
changes the number of working phases. In particular, the maximum number of phases in
which L6759D may work in > PS00h is limited to 2, regardless of the number N configured in
PS00h.
The OC level is then scaled as the controller enters > PS00h, as per Table 9.
R
G
1.1
I
OC_TOT
⋅
() DCR
⋅
NI
⋅
OCTH
--------------------------------------------------------------
=
R
IMON
1.24V
R
G
⋅
I
MAX
DCR
⋅
---------------------------------
=
R
ILIM
2.5V
R
G
⋅
I
OC_TOT
DCR
⋅
-----------------------------------------
=
Table 9.
Multi-phase section OC scaling and power states
Power state [Hex]
N
OC level (VOC_TOT)
00h
2 to 3
2.500 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com