Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 8Page - STMicroelectronics L6759D Datasheet HTML 9Page - STMicroelectronics L6759D Datasheet HTML 10Page - STMicroelectronics L6759D Datasheet HTML 11Page - STMicroelectronics L6759D Datasheet HTML 12Page - STMicroelectronics L6759D Datasheet HTML 13Page - STMicroelectronics L6759D Datasheet HTML 14Page - STMicroelectronics L6759D Datasheet HTML 15Page - STMicroelectronics L6759D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Pin description and connection diagrams
L6759D
12/51
Doc ID 023240 Rev 1
32
EN
VTT level sensitive enable pin (3.3 V compatible).
Pull low to disable the device, pull up above the turn-on threshold to
enable the controller.
33
SVCLK
Serial clock.
34
ALERT#
Alert.
35
SVDATA
Serial data.
36
VCC5
Main IC power supply.
Operative voltage is 5 V ±5%. Filter with 1
µF MLCC to GND (typ.).
37
GDC
Gate drive control pin.
Used for efficiency optimization, see Section 9 for details. If not used, it
can be left floating. Always filter with 1
µF MLCC to GND.
38
VDRV
Driving voltage for external drivers.
Connect to the selected voltage rail to drive the external MOSFET when
in maximum power conditions. IC switches GDC voltage between VDRV
and VCC5 to implement efficiency optimization according to selected
strategies.
39
COMP /
ADDR
Error amplifier output.
Connect with an (RF - CF)// CP to FB. The device cannot be disabled by
pulling low this pin.
Connect RCOMP to GND to extend PMBus addressing range (see
Table 6).
40
FB
Error amplifier inverting input.
Connect with a resistor RFB // (RI - CI) to VSEN and with an (RF - CF)//
CP to COMP.
41
VSEN
Output voltage monitor, manages OV and UV protection.
Connect to the positive side of the load to perform remote sense.
42
FBR
Remote buffer positive sense.
Connect to the positive side of the multi-phase load to perform remote
sense.
43
LTB
Load transient boost technology® input pin. See Section 11.2 for details.
44
RGND
Remote ground sense.
Connect to the negative side of the multi-phase load to perform remote
sense.
45
REF
The reference used for the multi-phase section regulation is available on
this pin with -125 mV offset. Connect through an RREF-CREF to GND to
optimize DVID transitions. Connect through ROS resistor to FB pin to
implement small positive offset to the regulation.
46
IMON
Current monitor output.
A current proportional to the multi-phase load current is sourced from
this pin. Connect through a resistor RMON to GND. The information
available on this pin is used for the current reporting and DPM. The pin
can be filtered through CIMON to GND.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com