Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 24Page - STMicroelectronics L6759D Datasheet HTML 25Page - STMicroelectronics L6759D Datasheet HTML 26Page - STMicroelectronics L6759D Datasheet HTML 27Page - STMicroelectronics L6759D Datasheet HTML 28Page - STMicroelectronics L6759D Datasheet HTML 29Page - STMicroelectronics L6759D Datasheet HTML 30Page - STMicroelectronics L6759D Datasheet HTML 31Page - STMicroelectronics L6759D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Output voltage monitoring and protection
L6759D
28/51
Doc ID 023240 Rev 1
7
Output voltage monitoring and protection
The L6759D monitors the regulated voltage of both sections through pin VSEN and SVSEN
in order to manage OV and UV. The device shows different thresholds when in different
operative conditions but the behavior in response to a protection event is still the same as
described below.
Protection is active also during soft-start while it is properly masked during DVID transitions
with an additional delay to avoid false triggering.
Table 8.
L6759D protection at a glance
7.1
Overvoltage
When the voltage sensed by VSEN and/or SVSEN overcomes the OV threshold, the control-
ler acts in order to protect the load from excessive voltage levels, avoiding any possible
undershoot. To reach this target, a special sequence is performed as per the following list:
●
The reference performs a DVID transition down to 250 mV on the section which
triggered the OV protection
●
The PWM of the section which triggered the protection are switched between HiZ and
zero (ENDRV is kept high) in order to follow the voltage imposed by the DVID on-going.
This limits the output voltage excursion, protects the load and assures no undershoot is
generated (if Vout < 250 mV, the section is HiZ)
●
The PWM of the non-involved section is set permanently to HiZ (ENDRV is kept low) in
order to realize a HiZ condition
●
OSC/ FLT pin is driven high
●
Power supply or EN pin cycling is required to restart operations
●
If the cause of the failure is removed, the converter ends the transition with all PWMs in
HiZ state and the output voltage of the section which triggered the protection lower than
250 mV.
7.2
Overcurrent
The overcurrent threshold must be programmed to a safe value, in order to be sure that
each section doesn't enter OC during normal operation of the device. This value must take
Section
Multi-phase
Single-phase
Overvoltage
(OV)
VSEN, SVSEN = +150 mV above reference.
Action: IC latch; LS=ON & PWMx = 0 (if applicable); other section: HiZ.
Undervoltage
(UV)
VSEN, SVSEN = 400 mV below reference. Active after Ref > 500 mV
Action: IC latch; both sections HiZ.
Overcurrent (OC)
Current monitor across inductor DCR. Dual protection, per-phase and average.
Action: UV-like
Dynamic VID
Protection masked with additional
delay to prevent from false triggering.
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com