Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 14Page - STMicroelectronics L6759D Datasheet HTML 15Page - STMicroelectronics L6759D Datasheet HTML 16Page - STMicroelectronics L6759D Datasheet HTML 17Page - STMicroelectronics L6759D Datasheet HTML 18Page - STMicroelectronics L6759D Datasheet HTML 19Page - STMicroelectronics L6759D Datasheet HTML 20Page - STMicroelectronics L6759D Datasheet HTML 21Page - STMicroelectronics L6759D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Device configuration and pin-strapping tables
L6759D
18/51
Doc ID 023240 Rev 1
4.2
Programming HiZ level
The L6759D is able to manage different levels for HiZ on PWMx guaranteeing flexibility in
driving different external drivers as well as DrMOS ICs.
Once VCC5, VDRV, and VIN voltages are above the respective UVLO (undervoltage
lockout) thresholds (see Figure 6), the device uses PWM1 and PWM2 to detect the
driver/DrMOS connected in order to program the suitable Hiz level of PWMx signals. During
regulation, the Hiz level is used to force the external MOSFETs into high impedance state.
●
PWM1 sources a constant 10
µA current, if its voltage results higher than 2.8 V, the HiZ
level used during the regulation is 1.4 V, if lower, PWM2 information is used.
●
PWM2 is kept in HiZ, if its voltage results higher than 2 V, the HiZ level used during the
regulation is 2 V, if lower, 1.6 V.
An external resistor divider can be placed on PWM1 and PWM2 to force the detection of the
correct HiZ level. They must be designed considering the external driver/DrMOS selected
and the HiZ level requested.
Table 6.
Pin-strapping (1)
Rdown
[k
Ω]
Rup
[k
Ω]
IMAX
ADDR
IMAX [A] (2)
JMode
VBOOT
SVI ADDR
(3)
VFDE
DPM12
DPM23
Droop
core
10
1.5
ON
1.500 V
0100b
OFF
12 A
24 A
ON
10
2.7
1.350 V
OFF
22
6.8
OFF
1.500 V
10 A
20 A
ON
10
3.6
1.350 V
OFF
27
11
ON
1.500 V
8 A
18 A
ON
12
5.6
1.350 V
OFF
82
43
OFF
1.500 V
OFF
OFF
ON
13
7.5
1.350 V
OFF
56
36
ON
1.500 V
ON
12 A
24 A
ON
18
13
1.350 V
OFF
15
12
OFF
1.500 V
10 A
20 A
ON
18
16
1.350 V
OFF
15
14.7
ON
1.500 V
8 A
18 A
ON
10
11
1.350 V
OFF
18
22
OFF
1.500 V
OFF
OFF
ON
56
75
1.350 V
OFF
N
25
56
+
⋅
N
25
48
+
⋅
N
25
40
+
⋅
N
25
32
+
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com