Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 34Page - STMicroelectronics L6759D Datasheet HTML 35Page - STMicroelectronics L6759D Datasheet HTML 36Page - STMicroelectronics L6759D Datasheet HTML 37Page - STMicroelectronics L6759D Datasheet HTML 38Page - STMicroelectronics L6759D Datasheet HTML 39Page - STMicroelectronics L6759D Datasheet HTML 40Page - STMicroelectronics L6759D Datasheet HTML 41Page - STMicroelectronics L6759D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Main oscillator
L6759D
38/51
Doc ID 023240 Rev 1
Figure 14.
ROSC vs. FSW per phase (ROSC to GND - left; ROSC to 3.3V - right)
10.1
LSLESS startup and pre-bias output
Any time the device resumes from an “OFF” code and at the first power-up, in order to avoid
any kind of negative undershoot on the load side, the L6759D performs a special sequence
in enabling the drivers: during the soft-start phase, the LS driver results as disabled
(LS=OFF - PWMx set to HiZ and ENDRV = 0) until the first PWM pulse. After the first PWM
pulse, PWMx outputs switch between logic “0” and logic “1” and ENDRV is set to logic “1”.
This particular sequence avoids a dangerous negative spike on the output voltage that can
happen if starting over a pre-biased output.
Low-side MOSFET turn-on is masked only from the control loop point of view: protections
are still allowed to turn on the low-side MOSFET in the case of overvoltage if needed.
Figure 15.
LSLESS startup: enabled (left) and disabled (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com