Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 13Page - STMicroelectronics L6759D Datasheet HTML 14Page - STMicroelectronics L6759D Datasheet HTML 15Page - STMicroelectronics L6759D Datasheet HTML 16Page - STMicroelectronics L6759D Datasheet HTML 17Page - STMicroelectronics L6759D Datasheet HTML 18Page - STMicroelectronics L6759D Datasheet HTML 19Page - STMicroelectronics L6759D Datasheet HTML 20Page - STMicroelectronics L6759D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
L6759D
Device configuration and pin-strapping tables
Doc ID 023240 Rev 1
17/51
4
Device configuration and pin-strapping tables
The L6759D is fully compliant with Intel® VR12/IMVP7 SVID protocol Rev1.5, document #
456098. To guarantee proper device and CPU operations, refer to this document for bus
design and layout guidelines. Different platforms may require different pull-up impedance on
the SVI bus. Impedance matching and spacing between SVDATA, SVCLK, and ALERT#
must be followed.
4.1
JMode
When enabled, single-phase is an independent regulator with 0.75 V fixed reference (load-
line disabled - TM can be used as enable for the single-phase).
Output voltage higher than the internal reference may be achieved by adding a proper
resistor divider (RA, RB - see Figure 5). To maintain precision in output voltage regulation, it
is recommended to provide both SFBR and SRGND with the same divider.
Equation 1
Figure 5.
JMode: voltage positioning
V
OUT
0.750V
RA
RB
+
RB
-----------------------
⋅
=
0.750V
SFB
SCOMP
SVSEN
SFBR
RF
CF
RFB
To Vout
(Remote Sense)
SRGND
RA
RA
RB
RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com