Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6759D Datasheet HTML 15Page - STMicroelectronics L6759D Datasheet HTML 16Page - STMicroelectronics L6759D Datasheet HTML 17Page - STMicroelectronics L6759D Datasheet HTML 18Page - STMicroelectronics L6759D Datasheet HTML 19Page - STMicroelectronics L6759D Datasheet HTML 20Page - STMicroelectronics L6759D Datasheet HTML 21Page - STMicroelectronics L6759D Datasheet HTML 22Page - STMicroelectronics L6759D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
L6759D
Device configuration and pin-strapping tables
Doc ID 023240 Rev 1
19/51
10
15
ON
1.500 V
0010b
OFF
12 A
24 A
ON
12
20
1.350 V
OFF
12
22.6
OFF
1.500 V
10 A
20 A
ON
39
82
1.350 V
OFF
47
110
ON
1.500 V
8 A
18 A
ON
10
27
1.350 V
OFF
22
68
OFF
1.500 V
OFF (4)
OFF (5)
ON
10
36
1.350 V
OFF
18
75
ON
1.500 V
ON
12 A
24 A
ON
15
75
1.350 V
OFF
10
59
OFF
1.500 V
10 A
20 A
ON
10
75
1.350 V
OFF
10
100
ON
1.500 V
8 A
18 A
ON
10
150
1.350 V
OFF
10
220
OFF
1.500 V
OFF (4)
OFF (5)
ON
10
Open
1.350 V
OFF
1.
Suggested values, divider needs to be connected between VCC5 pin and GND.
2.
N is the number of phase programmed for the multi-phase section.
3.
Address for multi-phase. Single-phase not accessible.
4.
Transition between 1Phase and 2Phase operation is set to 12 A but disabled in PS00h (minimum phase number in PS00h
is 2).
5.
Dynamic phase management disabled, IC always working at maximum possible number of phases except when in >PS00h
when transitioning between 1Phase and 2Phase at 12 A.
Table 6.
Pin-strapping (1) (continued)
Rdown
[k
Ω]
Rup
[k
Ω]
IMAX
ADDR
IMAX [A] (2)
JMode
VBOOT
SVI ADDR
(3)
VFDE
DPM12
DPM23
Droop
core
N
25
24
+
⋅
N
25
16
+
⋅
N
25
8
+
⋅
N
25
⋅
Table 7.
PMBus address definition
SVI address (see Table 6)
COMP to GND
PMBus address
0100b
4.99 k
EEh
14.99 k
EAh
24.99 k
E6h
Open
E2h
0010b
4.99 k
ECh
14.99 k
E8h
24.99 k
E4h
Open
E0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com