Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6759D
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759D Datasheet(HTML) 1 Page - STMicroelectronics

  L6759D Datasheet HTML 1Page - STMicroelectronics L6759D Datasheet HTML 2Page - STMicroelectronics L6759D Datasheet HTML 3Page - STMicroelectronics L6759D Datasheet HTML 4Page - STMicroelectronics L6759D Datasheet HTML 5Page - STMicroelectronics L6759D Datasheet HTML 6Page - STMicroelectronics L6759D Datasheet HTML 7Page - STMicroelectronics L6759D Datasheet HTML 8Page - STMicroelectronics L6759D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
This is information on a product in full production.
May 2012
Doc ID 023240 Rev 1
1/51
51
L6759D
3+1 dual controller for VR12 with PMBus
Datasheet
− production data
Features
■ VR12 compliant with 25 MHz SVID bus Rev1.5
– SerialVID with programmable IMAX,
TMAX, VBOOT, ADDRESS
■ Second generation LTB Technology™
■ Flexible driver/DrMOS support
■ JMode support
■ Fully configurable through PMBus
■ Dual controller:
– 3-phase for VDDQ
– 1-phase for VTT
■ Single NTC design for TM, LL and Imon
thermal compensation
■ VFDE and GDC - gate drive control for
efficiency optimization
■ DPM - dynamic phase management
■ Dual remote sense
■ 0.5% output voltage accuracy
■ Full-differential current sense across DCR
■ AVP - adaptive voltage positioning
■ Dual independent adjustable oscillator
■ Dual current monitor
■ Pre-biased output management
■ Average and per-phase OC protection
■ OV, UV and FB disconnection protection
■ Dual VR_RDY
■ VFQFPN48 6x6 mm package
Application
■ DDR3 memory supply for VR12 servers
Description
The L6759D is a dual controller designed to
power Intel’s VR12 processor memories: all
required parameters are programmable through
dedicated pin-strapping and PMBus interface.
The device features 3-phase programmable
operation for the multi-phase section and a single-
phase with independent control loops. Single-
phase (VTT) reference is always tracking multi-
phases (VDDQ) scaled by a factor of 2.
The L6759D supports power state transitions
featuring VFDE, programmable DPM and GDC
maintaining the best efficiency over all loading
conditions without compromising transient
response.
The device assures fast and independent
protection against load overcurrent,
under/overvoltage and feedback disconnections.
The device is available in a VFQFPN48 6x6 mm
package.
Table 1.
Device summary
Order code
Package
Packing
L6759D
VFQFPN48 6x6mm
Tray
L6759DTR
Tape and reel
VFQFPN48 - 6x6mm
www.st.com


Similar Part No. - L6759D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
STMicroelectronics
L6750 STMICROELECTRONICS-L6750 Datasheet
49Kb / 3P
2 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface
14-Feb-2008
L6750TR STMICROELECTRONICS-L6750TR Datasheet
49Kb / 3P
2 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface
14-Feb-2008
L6751 STMICROELECTRONICS-L6751 Datasheet
861Kb / 59P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Nov-2012
L6751B STMICROELECTRONICS-L6751B Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
More results

Similar Description - L6759D

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC110 EPC-EPC110 Datasheet
600Kb / 27P
Fully integrated configurable light barrier driver & receiver
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
Fully configurable with AT commands
logo
Advantech Co., Ltd.
IDS31-320W ADVANTECH-IDS31-320W Datasheet
1Mb / 2P
Fully configurable, high-reliability
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com