Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 49Page - STMicroelectronics ST10F296E Datasheet HTML 50Page - STMicroelectronics ST10F296E Datasheet HTML 51Page - STMicroelectronics ST10F296E Datasheet HTML 52Page - STMicroelectronics ST10F296E Datasheet HTML 53Page - STMicroelectronics ST10F296E Datasheet HTML 54Page - STMicroelectronics ST10F296E Datasheet HTML 55Page - STMicroelectronics ST10F296E Datasheet HTML 56Page - STMicroelectronics ST10F296E Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
53/346
Flash data register 0 high (FDR0H)
Flash data register 1 low (FDR1L)
Flash data register 1 high (FDR1H)
FDR0H (0x0E 000A)
FCR
Reset value: FFFFh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DIN
31
DIN
30
DIN
29
DIN
28
DIN
27
DIN
26
DIN
25
DIN
24
DIN
23
DIN
22
DIN
21
DIN
20
DIN
19
DIN
18
DIN
17
DIN
16
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 19.
FDR0H register description
BIt
Bit name
Function
31-16
DIN[31:16]
Data input 31:16
These bits must be written with the data to program the Flash with the
following operations: Word program (32-bit), double word program (64-bit)
and set protection.
FDR1L (0x0E 000C)
FCR
Reset value: FFFFh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DIN
15
DIN
14
DIN
13
DIN
12
DIN
11
DIN
10
DIN
9
DIN
8
DIN
7
DIN
6
DIN
5
DIN
4
DIN
3
DIN
2
DIN
1
DIN
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 20.
FDR1L register description
BIt
Bit name
Function
15-0
DIN[15:0]
Data input 15:0
These bits must be written with the data to program the Flash with the
following operations: Word program (32-bit), double word program (64-
bit) and set protection.
FDR1H (0x0E 000E)
FCR
Reset value: FFFFh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DIN
31
DIN
30
DIN
29
DIN
28
DIN
27
DIN
26
DIN
25
DIN
24
DIN
23
DIN
22
DIN
21
DIN
20
DIN
19
DIN
18
DIN
17
DIN
16
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 21.
FDR1H register description
BIt
Bit name
Function
31-16
DIN[31:16]
Data input 31:16
These bits must be written with the data to program the Flash with the
following operations: Word program (32-bit), double word program (64-bit)
and set protection.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com