Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 64Page - STMicroelectronics ST10F296E Datasheet HTML 65Page - STMicroelectronics ST10F296E Datasheet HTML 66Page - STMicroelectronics ST10F296E Datasheet HTML 67Page - STMicroelectronics ST10F296E Datasheet HTML 68Page - STMicroelectronics ST10F296E Datasheet HTML 69Page - STMicroelectronics ST10F296E Datasheet HTML 70Page - STMicroelectronics ST10F296E Datasheet HTML 71Page - STMicroelectronics ST10F296E Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
68/346
6.2.2
ST10 configuration in BSL
When the ST10F296E has entered BSL mode, the configuration shown in Table 36 is
automatically set (values that deviate from the normal reset values, are highlighted in bold
italic).
.
Table 36.
ST10 configuration in BSL mode
Watchdog timer
Disabled
Register SYSCON
0404H
(1)
1.
In bootstrap modes (standard or alternate) the ROMEN bit, bit 10 of the SYSCON register, is always set
regardless of the EA pin level. The BYTDIS bit, bit 9 of the SYSCON register, is set according to the data
bus width selection via Port 0 configuration.
XPEN bit set for bootstrap via CAN or
alternate boot mode
Context pointer CP
FA00H
Register STKUN
FC00H
Stack pointer SP
FA40H
Register STKOV
FA00H
Register BUSCON0
Acc. to startup
config.(2)
2.
BUSCON0 is initialized with 0000h which disables the external bus if pin EA is high during reset. If pin EA
is low during reset, the BUSACT0 bit, bit 10, and the ALECTL0 bit, bit 9, are set, enabling the external bus
with a lengthened ALE signal. BTYP field, bit 7 and 6, is set according to Port 0 configuration.
Register S0CON
8011H
Initialized only if bootstrap is run via UART
Register S0BG
Acc. to ‘00’ byte
Initialized only if bootstrap is run via UART
P3.10/TXD0
1
Initialized only if bootstrap is run via UART
DP3.10
1
Initialized only if bootstrap is run via UART
CAN1 status/control register
0000H
Initialized only if bootstrap is run via CAN
CAN1 bit timing register
Acc. to 0 frame
Initialized only if bootstrap is run via CAN
XPERCON
042DH
XRAM1-2, XFlash, CAN1 and XMISC
enabled. Initialized only if bootstrap is run via
CAN
P4.6/CAN1_TxD
1
Initialized only if bootstrap is run via CAN
DP4.6
1
Initialized only if bootstrap is run via CAN
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com