Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 35Page - STMicroelectronics ST10F296E Datasheet HTML 36Page - STMicroelectronics ST10F296E Datasheet HTML 37Page - STMicroelectronics ST10F296E Datasheet HTML 38Page - STMicroelectronics ST10F296E Datasheet HTML 39Page - STMicroelectronics ST10F296E Datasheet HTML 40Page - STMicroelectronics ST10F296E Datasheet HTML 41Page - STMicroelectronics ST10F296E Datasheet HTML 42Page - STMicroelectronics ST10F296E Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Memory organization
39/346
4.16
XPeripheral configuration registers
XPERCON register
XPERCON (F024h/12h)
ESFR
Reset value: 005h
15 14 13 12
11
10
9
8
7
6
5
4
3
2
1
0
--
-
-
XPORT
EN
XMISC
EN
XI2C
EN
XSSC
EN
XASC
EN
XPWM
EN
XFLASH
EN
XRTC
EN
XRAM
2EN
XRAM
1EN
CAN
2EN
CAN
1EN
-
-
-
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 5.
XPERCON register description
BIt
Bit name
Function
11
XPORTEN
XPort 9 and XPort 10 enable bit
0: Access to the on-chip XPort 9 and XPort 10 modules is disabled.
Address range 00’EB80h to 00’EBFFh is directed to the external
memory only if CAN1EN, CAN2EN, XRTCEN, XASCEN, XSSCEN,
XPWMEN, XI2CEN and XMISCEN are also 0.
1: The on-chip XPort 9 and XPort 10 are enabled and can be accessed.
10
XMISCEN
XBus additional features and XTimer enable bit
0: Access to the additional miscellaneous features is disabled. Address
range 00’EB00h to 00’EB7Fh is directed to the external memory only if
CAN1EN, CAN2EN, XRTCEN, XASCEN, XSSCEN, XPWMEN, XI2CEN
and XPORTEN are also 0.
1: The additional features and XTimer are enabled and can be
accessed.
9XI2CEN
I2C enable bit
0: Access to the on-chip I2C is disabled, external access performed.
Address range 00’EA00h to 00’EAFFh is directed to the external
memory only if CAN1EN, CAN2EN, XRTCEN, XASCEN, XSSCEN,
XPWMEN, XMISCEN and XPORTEN are also 0.
1: The on-chip I2C is enabled and can be accessed.
8
XSSCEN
SSC1 enable bit
0: Access to the on-chip SSC1 is disabled, external access performed.
Address range 00’E800h to 00’E8FFh is directed to the external
memory only if CAN1EN, CAN2EN, XRTCEN, XASCEN, XI2CEN,
XPWMEN, XMISCEN and XPORTEN are also 0.
1: The on-chip SSC1 is enabled and can be accessed.
7
XASCEN
ASC1 enable bit
0: Access to the on-chip ASC1 is disabled, external access performed.
Address range 00’E900h to 00’E9FFh is directed to the external
memory only if CAN1EN, CAN2EN, XRTCEN, XASCEN, XI2CEN,
XPWMEN, XMISCEN and XPORTEN are also 0.
1: The on-chip ASC1 is enabled and can be accessed.
6
XPWMEN
XPWM enable
0: Access to the on-chip PWM1 module is disabled, external access is
performed. Address range 00’EC00h to 00’ECFF is directed to the
external memory only if CAN1EN, CAN2EN, XASCEN, XSSCEN,
XI2CEN, XRTCEN, XMISCEN and XPORTEN are also 0.
1: The on-chip PWM1 module is enabled and can be accessed.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com