Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 29Page - STMicroelectronics ST10F296E Datasheet HTML 30Page - STMicroelectronics ST10F296E Datasheet HTML 31Page - STMicroelectronics ST10F296E Datasheet HTML 32Page - STMicroelectronics ST10F296E Datasheet HTML 33Page - STMicroelectronics ST10F296E Datasheet HTML 34Page - STMicroelectronics ST10F296E Datasheet HTML 35Page - STMicroelectronics ST10F296E Datasheet HTML 36Page - STMicroelectronics ST10F296E Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Memory organization
33/346
4
Memory organization
The memory space of the ST10F296E is configured in a unified memory architecture. Code
memory, data memory, registers and I/O ports are organized within the same linear address
space of 16 Mbytes. The entire memory space can be accessed byte wise or word wise.
Particular portions of the on-chip memory have additionally been made directly bit
addressable.
The organization of the ST10F296E memory is described in the sections below and shown
in Figure 4: ST10F296E on-chip memory mapping on page 38.
4.1
IFlash
IFlash comprises 512 Kbytes of on-chip Flash memory. It is divided into 10 blocks
(B0F0...B0F9) of Bank 0, and two blocks of Bank 1 (B1F0, B1F1). Read-while-write
operations inside the same bank are not allowed. When bootstrap mode is selected, the
Test-Flash Block B0TF (8 Kbyte) appears at address 00’0000h. Refer to Section 5: Internal
Flash memory on page 42 for more details on memory mapping in boot mode. The
summary of address ranges for IFlash is given in Table 3.
Table 3.
Address ranges for IFlash
Blocks
User mode
Size (Kbytes)
B0TF
Not visible
8
B0F0
00’0000h - 00’1FFFh
8
B0F1
00’2000h - 00’3FFFh
8
B0F2
00’4000h - 00’5FFFh
8
B0F3
00’6000h - 00’7FFFh
8
B0F4
01’8000h - 01’FFFFh
32
B0F5
02’0000h - 02’FFFFh
64
B0F6
03’0000h - 03’FFFFh
64
B0F7
04’0000h - 04’FFFFh
64
B0F8
05’0000h - 05’FFFFh
64
B0F9
06’0000h - 06’FFFFh
64
B1F0
07’0000h - 07’FFFFh
64
B1F1
08’0000h - 08’FFFFh
64
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com