Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 62Page - STMicroelectronics ST10F296E Datasheet HTML 63Page - STMicroelectronics ST10F296E Datasheet HTML 64Page - STMicroelectronics ST10F296E Datasheet HTML 65Page - STMicroelectronics ST10F296E Datasheet HTML 66Page - STMicroelectronics ST10F296E Datasheet HTML 67Page - STMicroelectronics ST10F296E Datasheet HTML 68Page - STMicroelectronics ST10F296E Datasheet HTML 69Page - STMicroelectronics ST10F296E Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
66/346
6
The bootstrap loader
The ST10F296E implements innovative boot capabilities to:
●
Support a user defined bootstrap (see ‘alternate bootstrap loader’);
●
Support bootstrap via UART or bootstrap via CAN for the standard bootstrap.
6.1
Selection among user-code, standard or alternate bootstrap
The selection among user-code, standard bootstrap or alternate bootstrap is made by
special combinations on Port 0L[5...4] during the time the reset configuration is latched from
Port 0.
The alternate boot mode is triggered with a special combination set on Port 0L[5...4]. These
signals, as with other configuration signals are latched on the rising edge of the RSTIN pin.
The alternate boot function is divided into two functional parts (which are independent from
each other):
Part 1
Selection of the reset sequence according to Port 0 configuration, user mode, and alternate
mode signatures:
●
Decoding reset configuration P0L.5 = 1 and P0L.4 = 1 selects normal mode and
selects that user Flash is mapped from address 00’0000h.
●
Decoding reset configuration P0L.5 = 1 and P0L.4 = 0 selects ST10 standard bootstrap
mode (Test-Flash is active and overlaps user Flash for code fetches from address
00'0000h; user Flash is active and available for read and program).
●
Decoding reset configuration P0L.5 = 0 and P0L.4 = 1 activates new verifications to
select which bootstrap software to execute:
–
If the user mode signature in the user Flash is programmed correctly, a software
reset sequence is selected and the user code is executed.
–
if the user mode signature is not programmed correctly, but, the alternate mode
signature in the user Flash is programmed correctly, alternate boot mode is
selected.
–
If both the user and alternate mode signatures are not programmed correctly in
the user Flash, the user key location is read again. Its value determines the
behavior of the selective bootstrap loader.
Part 2
Running of user selected reset sequences:
●
Standard bootstrap loader: Jump to a predefined memory location in Test-Flash
(controlled by ST).
●
Alternate boot mode: Jump to address 09’0000h.
●
Selective bootstrap loader: Jump to a predefined location in Test-Flash (controlled by
ST) and check which communication channel is selected.
●
User code: Make a software reset and jump to 00’0000h.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com