Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 23Page - STMicroelectronics ST10F296E Datasheet HTML 24Page - STMicroelectronics ST10F296E Datasheet HTML 25Page - STMicroelectronics ST10F296E Datasheet HTML 26Page - STMicroelectronics ST10F296E Datasheet HTML 27Page - STMicroelectronics ST10F296E Datasheet HTML 28Page - STMicroelectronics ST10F296E Datasheet HTML 29Page - STMicroelectronics ST10F296E Datasheet HTML 30Page - STMicroelectronics ST10F296E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Ball data
27/346
POL.0 to
POL.7 and
POH.0 to
POH.7
H16
I/O
Two 8-bit bidirectional I/O
ports P0L and P0H, bit-wise
programmable for input or
output via direction bit.
Programming an I/O pin as
input forces the
corresponding output driver
to high impedance state.
The input threshold of Port 0
is selectable (TTL or
CMOS).
In case of an external bus
configuration, Port 0 serves
as the address (A) and as
the address/data (AD) bus
in multiplexed bus modes
and as the data (D) bus in
demultiplexed bus modes.
Demultiplexed bus modes
P0L.0-P0L.7: D0-D7 (8-bit),
D0-D7 (16-bit).
P0H.0-P0H.7: I/O (8-bit),
D8-D15 (16-bit).
Multiplexed bus modes
P0L.0-P0L.7: AD0-AD7 (8-
bit), AD0-AD7 (16-bit).
P0H.0-P0H.7: A8-A15 (8-
bit), AD8-AD15 (16-bit).
P0L.0
H15
I/O
P0L.1
H14
I/O
P0L.2
G16
I/O
P0L.3
G15
I/O
P0L.4
G14
I/O
P0L.5
F16
I/O
P0L.6
E17
I/O
P0L.7
F15
I/O
P0H.0
E16
I/O
P0H.1
F14
I/O
P0H.2
D17
I/O
P0H.3
E15
I/O
P0H.4
D16
I/O
P0H.5
C17
I/O
P0H.6
E14
I/O
P0H.7
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com