Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 44Page - STMicroelectronics ST10F296E Datasheet HTML 45Page - STMicroelectronics ST10F296E Datasheet HTML 46Page - STMicroelectronics ST10F296E Datasheet HTML 47Page - STMicroelectronics ST10F296E Datasheet HTML 48Page - STMicroelectronics ST10F296E Datasheet HTML 49Page - STMicroelectronics ST10F296E Datasheet HTML 50Page - STMicroelectronics ST10F296E Datasheet HTML 51Page - STMicroelectronics ST10F296E Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
48/346
Flash control register 0 high (FCR0H)
The Flash control register 0 high (FCR0H) together with the Flash control register 0 low
(FCR0L) is used to enable and monitor write operations for both the Flash modules. The
user has no access in write mode to the Test-Flash (B0TF). The Test-Flash block is only
seen by the user in bootstrap mode.
FCR0H (0x0E 0002)
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WMS SUSP WPG DWPG
SER
Reserved
SPR SMOD
Reserved
RW
RW
RW
RW
RW
-
RW
RW
-
Table 12.
FCR0H register decription
Bit
Bit name
Function
15
WMS
Write mode start
This bit must be set to start every write operation in the Flash modules. At
the end of the write operation or during a suspend, this bit is automatically
reset. To resume a suspended operation, this bit must be set again. It is
forbidden to set this bit if the ERR bit of the FER register is high (the
operation is not accepted). It is also forbidden to start a new write (program
or erase) operation (by setting the WMS bit high) when the SUSP bit of the
FCR0 register is high. Resetting this bit by software has no effect.
14
SUSP
Suspend
This bit must be set to suspend the current program (word or double word)
or sector erase operation to read data in one of the sectors of the bank
under modification or to program data in another bank. The suspend
operation resets the Flash bank to normal read mode (automatically
resetting bits BSYx). When in program suspend, the two Flash modules
accept only read and program resume operations. When in erase suspend,
the modules accept only read, erase resume, and program (word or double
word) operations. Program operations cannot be suspended during erase
suspend. To resume the suspended operation, the WMS bit must be set
again, together with the selection bit corresponding to the operation to
resume (WPG, DWPG, SER).
Note: It is forbidden to start a new write operation with the SUSP bit already
set.
13
WPG
Word program
This bit must be set to select the word (32 bits) program operation in the
Flash modules. The word program operation allows 0s to be programmed
instead of 1s. The Flash address to be programmed must be written in the
FARH/L registers, while the Flash data to be programmed must be written
in the FDR0H/L registers before starting the execution by setting the WMS
bit. The WPG bit is automatically reset at the end of the word program
operation.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com