Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 40Page - STMicroelectronics ST10F296E Datasheet HTML 41Page - STMicroelectronics ST10F296E Datasheet HTML 42Page - STMicroelectronics ST10F296E Datasheet HTML 43Page - STMicroelectronics ST10F296E Datasheet HTML 44Page - STMicroelectronics ST10F296E Datasheet HTML 45Page - STMicroelectronics ST10F296E Datasheet HTML 46Page - STMicroelectronics ST10F296E Datasheet HTML 47Page - STMicroelectronics ST10F296E Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
44/346
Table 9 refers to the configuration when bit ROMS1 of the SYSCON register is set. When
bootstrap mode is entered:
●
Test-Flash is seen and is available for code fetches (address 00’0000h)
●
User IFlash is only available for read and write access
●
Write access must be made using addresses in segment 1 that start at 01'0000h,
irrespective of the ROMS1 bit value in the SYSCON register. Note that the user must
not rely on the ROMS1 bit because it is ‘don't care’ for write operations.
●
Read access is made in segment 0 or in segment 1 depending on the ROMS1 value.
In bootstrap mode, ROMS1 = 0 by default, so the first 32 Kbytes of IFlash are mapped in
segment 0.
Example
To program address 0 using the default configuration, the user must put the value 01'0000h
in the FARL and FARH registers. However, to verify the content of address 0 a read to
00'0000h must be performed.
Table 9.
Sectorization of the Flash modules (write operations or with ROMS1 = 1)
Bank
Description
Addresses
Size
(Kbytes)
ST10 bus size
B0
Bank 0 Test-Flash (B0TF)
0x0000 0000 - 0x0000 1FFF
8
32-bit (IBus)
Bank 0 Flash 0 (B0F0)
0x0001 0000 - 0x0001 1FFF
8
Bank 0 Flash 1 (B0F1)
0x0001 2000 - 0x0001 3FFF
8
Bank 0 Flash 2 (B0F2)
0x0001 4000 - 0x0001 5FFF
8
Bank 0 Flash 3 (B0F3)
0x0001 6000 - 0x0001 7FFF
8
Bank 0 Flash 4 (B0F4)
0x0001 8000 - 0x0001 FFFF
32
Bank 0 Flash 5 (B0F5)
0x0002 0000 - 0x0002 FFFF
64
Bank 0 Flash 6 (B0F6)
0x0003 0000 - 0x0003 FFFF
64
Bank 0 Flash 7 (B0F7)
0x0004 0000 - 0x0004 FFFF
64
Bank 0 Flash 8 (B0F8)
0x0005 0000 - 0x0005 FFFF
64
Bank 0 Flash 9 (B0F9)
0x0006 0000 - 0x0006 FFFF
64
B1
Bank 1 Flash 0 (B1F0)
0x0007 0000 - 0x0007 FFFF
64
Bank 1 Flash 1 (B1F1)
0x0008 0000 - 0x0008 FFFF
64
B2
Bank 2 Flash 0 (B2F0)
0x0009 0000 - 0x0009 FFFF
64
16-bit (XBus)
Bank 2 Flash 1 (B2F1)
0x000A 0000 - 0x000A FFFF
64
Bank 2 Flash 2 (B2F2)
0x000B 0000 - 0x000B FFFF
64
B3
Bank 3 Flash 0 (B3F0)
0x000C 0000 - 0x000C FFFF
64
Bank 3 Flash 1 (B3F1)
0x000D 0000 - 0x000D FFFF
64
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com