Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 32Page - STMicroelectronics ST10F296E Datasheet HTML 33Page - STMicroelectronics ST10F296E Datasheet HTML 34Page - STMicroelectronics ST10F296E Datasheet HTML 35Page - STMicroelectronics ST10F296E Datasheet HTML 36Page - STMicroelectronics ST10F296E Datasheet HTML 37Page - STMicroelectronics ST10F296E Datasheet HTML 38Page - STMicroelectronics ST10F296E Datasheet HTML 39Page - STMicroelectronics ST10F296E Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Memory organization
ST10F296E
36/346
4.7
CAN2
Address range 00’EE00h - 00’EEFFh is reserved for the CAN2 module access. CAN2 is
enabled by setting the XPEN bit (bit 2 of the SYSCON register) and the CAN2EN bit (bit 1 of
the new XPERCON register). Access to the CAN module use demultiplexed addresses and
a 16-bit data bus (only word access is possible). Two wait states give an access time of 62.5
ns at 64 MHz CPU clock. No tristate wait states are used.
Note:
If one or both CAN modules are used, Port 4 cannot be programmed to output all eight
segment address lines. Thus, only four segment address lines can be used, reducing the
external memory space to 5 Mbytes (1 Mbyte per CS line).
4.8
Real-time clock (RTC)
Address range 00’ED00h - 00’EDFFh is reserved for the RTC module access. The RTC is
enabled by setting the XPEN bit (bit 2 of the SYSCON register) and bit 4 of the XPERCON
register. Access to the RTC module use demultiplexed addresses and a 16-bit data bus
(only word access is possible). Two waitstates give an access time of 62.5 ns at 64 MHz
CPU clock. No tristate waitstate is used.
4.9
Pulse-width modulation 1 (PWM1)
Address range 00’EC00h - 00’ECFFh is reserved for the PWM1 module access. The PWM1
is enabled by setting the XPEN bit (bit 2 of the SYSCON register) and bit 6 of the
XPERCON register. Access to the PWM1 module use demultiplexed addresses and a 16-bit
data bus (only word access is possible). Two waitstates give an access time of 62.5 ns at 64
MHz CPU clock. No tristate waitstate is used. Only word access is allowed.
4.10
ASC1
Address range 00’E900h - 00’E9FFh is reserved for the ASC1 module access. The ASC1 is
enabled by setting the XPEN bit (bit 2 of the SYSCON register) and bit 7 of the XPERCON
register. Access to the ASC1 module use demultiplexed addresses and a 16-bit data bus
(only word access is possible). Two waitstates give an access time of 62.5 ns at 64 MHz
CPU clock. No tristate waitstate is used.
4.11
SSC1
Address range 00’E800h - 00’E8FFh is reserved for the SSC1 module access. The SSC1 is
enabled by setting the XPEN bit (bit 2 of the SYSCON register) and bit 8 of the XPERCON
register. Access to the SSC1 module use demultiplexed addresses and a 16-bit data bus
(only word access is possible). Two waitstates give an access time of 62.5 ns at 64 MHz
CPU clock. No tristate waitstate is used.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com