Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 56Page - STMicroelectronics ST10F296E Datasheet HTML 57Page - STMicroelectronics ST10F296E Datasheet HTML 58Page - STMicroelectronics ST10F296E Datasheet HTML 59Page - STMicroelectronics ST10F296E Datasheet HTML 60Page - STMicroelectronics ST10F296E Datasheet HTML 61Page - STMicroelectronics ST10F296E Datasheet HTML 62Page - STMicroelectronics ST10F296E Datasheet HTML 63Page - STMicroelectronics ST10F296E Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
60/346
Flash non-volatile access protection register 1 high (FNVAPR1H)
5.4.2
Access protection
The Flash modules have one level of access protection (access to data both when reading
and writing). If bit ACCP of the FNVAPR0 register is programmed at 0, the IFlash module
becomes access protected: Data in the IFlash module can be read/written only if the current
execution is from the IFlash module itself.
Protection can be permanently disabled by programming bit PDS0 of the FNVAPR1H
register to analyze rejects. Allowing PDS0 bit programming only when the ACCP bit is
programmed, guarantees that only an execution from the Flash itself can disable the
protections.
Protection can be permanently enabled again by programming bit PEN0 of the FNVAPR1L
register. Access protection can be permanantly disabled and enabled again up to 16 times.
Trying to write into the access protected Flash from internal RAM is unsuccessful. Trying to
read into the access protected Flash from internal RAM outputs dummy data.
When the Flash module is access protected, data access through the program erase
controller (PEC) of a peripheral is forbidden. To read/write data in PEC mode from/to a
protected bank, the Flash module must be temporarily unprotected.
Due to the ST10 architecture, the XFlash is seen as external memory. For this reason, it is
impossible to access protect it from real external memory or internal RAM. Table 33
summarizes the different access protection levels. In particular, it shows what is possible
(and not possible) if trying to enable all access protections when fetching from a memory
(see column 1).
FNVAPR1H (0x0E DFBE)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
987
65432
10
PEN
15
PEN
14
PEN
13
PEN
12
PEN
11
PEN
10
PEN
9
PEN
8
PEN
7
PEN
6
PEN
5
PEN
4
PEN
3
PEN
2
PEN
1
PEN
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 32.
FNVAPR1H register description
Bit
Bit name
Function
15-0
PEN[15:0]
Protections enable 15-0
If bit PENx is programmed at 0 and bit PDSx+1 is erased at 1, bit ACCP
action is enabled again. Bit PENx can be programmed at 0 only if bit
PDSx has already been programmed at 0.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com