Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 42Page - STMicroelectronics ST10F296E Datasheet HTML 43Page - STMicroelectronics ST10F296E Datasheet HTML 44Page - STMicroelectronics ST10F296E Datasheet HTML 45Page - STMicroelectronics ST10F296E Datasheet HTML 46Page - STMicroelectronics ST10F296E Datasheet HTML 47Page - STMicroelectronics ST10F296E Datasheet HTML 48Page - STMicroelectronics ST10F296E Datasheet HTML 49Page - STMicroelectronics ST10F296E Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
46/346
During a Flash write operation any attempt to read the bank under modification outputs
invalid data (software trap 009Bh). This means that the Flash bank is not fetchable when a
write operation is active. The write operation commands must be executed from another
bank, from the other module or from another memory (internal RAM or external memory).
Note:
During a write operation, when the LOCK bit of the FCR0 register is set, it is forbidden to
write into the Flash control registers.
5.2.1
Power supply drop
If, during a write operation, the internal low voltage supply drops below a certain internal
voltage threshold, any write operation that is running is suddenly interrupted and the
modules are reset to read mode. Following power-on, an interrupted Flash write operation
must be repeated.
5.3
Internal Flash memory registers
Flash control register 0 low (FCR0L)
The Flash control register 0 low (FCR0L) together with the Flash control register 0 high
(FCR0H) is used to enable and to monitor all the write operations for both Flash modules.
The user has no access in write mode to the Test-Flash (B0TF). The Test-Flash block is only
seen by the user in bootstrap mode.
FCR0L (0x0E 0000)
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
BSY1 BSY0 LOCK Res.
BSY3 BSY2 Res.
-R
R
R
R
R
Table 11.
FCR0L register decription
BIt
Bit name
Function
15-7
-
Reserved
6-5
BSY[1:0]
Bank 1:0 busy (IFlash)
These bits indicate that a write operation is running in the
corresponding bank of IFlash. They are automatically set when the
WMS bit of the FCR0H register is set. When the BSY [1:0] bits are set
every read access to the corresponding bank outputs invalid data
(software trap 009Bh), while every write access to the bank is ignored.
At the end of a write operation or during a program or erase suspend
these bits are automatically reset and the bank returns to read mode.
After a program or erase resume these bits are automatically reset.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com