Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 34Page - STMicroelectronics ST10F296E Datasheet HTML 35Page - STMicroelectronics ST10F296E Datasheet HTML 36Page - STMicroelectronics ST10F296E Datasheet HTML 37Page - STMicroelectronics ST10F296E Datasheet HTML 38Page - STMicroelectronics ST10F296E Datasheet HTML 39Page - STMicroelectronics ST10F296E Datasheet HTML 40Page - STMicroelectronics ST10F296E Datasheet HTML 41Page - STMicroelectronics ST10F296E Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Memory organization
ST10F296E
38/346
Figure 4.
ST10F296E on-chip memory mapping
1.
Blocks B0F0, B0F1, B0F2, B0F3 may be remapped from segment 0 to segment 1 by setting SYSCON-
ROMS1 (before EINIT).
2.
Data page number and absolute memory address are hexadecimal values.
FF FFFF
00 0000
16 Mbyte
255
0
Code
Data
page
1023
0
Data
page
1
3
5
7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
07 FFFF
06 0000
05 FFFF
04 0000
03 FFFF
02 0000
01 FFFF
00 0000
B0F4
B0F5
B0F8
B1F1
00 C000
00 FFFF
CAN1
ESFR
SFR
IRAM
Reserved
Ext. memory
00 DFFF
00 E000
00 E7FF
00 E800
00 F1FF
00 F200
00 F5FF
00 F600
256 byte
512 byte
1 Kbyte
2 Kbytes
Data page 3 (segment 0) - 16 Kbyte
256 byte
CAN2
9
20
21
22
23
0A 0000
09 FFFF
08 0000
B2F0
11
24
25
26
27
0C 0000
0B FFFF
13
28
29
30
31
0E 0000
0D FFFF
B3F1
15
32
33
34
35
0F FFFF
00 F000
CAN1
CAN2
00 EFFF
00 F000
00 EEFF
00 EF00
00 EDFF
00 EE00
00 EAFF
00 EB00
SSC1
00 E7FF
00 E800
XRAM1
14
0F 0000
0E FFFF
12
0D 0000
0C FFFF
10
0B 0000
0A FFFF
8
6
4
05 0000
04 FFFF
07 0000
06 FFFF
09 0000
08 FFFF
2
03 0000
02 FFFF
0
0
B0F0
B0F1
B0F2
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
B0F6
B0F9
B1F0
B2F1
B0F7
01 0000
00 FFFF
XRAM2
64 Kbyte
B3F0
Code
segment
64
65
66
67
64
65
66
67
16
17
10 0000
10 FFFF
11 0000
11 FFFF
Flash + XRAM - 1 Mbyte
Flash registers
+
FPEC RAM/ROM
RTC
00 EFFF
B2F2
(IFlash)
(XFlash)
(XFlash)
(XFlash)
(XFlash)
(XFlash)
SSC1
ASC1
I2C
256 byte
256 byte
256 byte
RTC
ASC1
I2C
00 E8FF
00 E900
00 E9FF
00 EA00
Standby RAM
256 byte
00 ECFF
00 ED00
(IFlash)
(IFlash)
(IFlash)
(IFlash)
(IFlash)
(IFlash)
(IFlash)
PWM1
256 byte
PWM1
128 + 128
00 EBFF
00 EC00
Xmisc/XTimer/XPort
XMiscellaneous
XPeripherals (2 Kbytes)
segment
B0F3
Ext. memory
Ext.
XTimer
XPort 9 + XPort 10
memory
Ext.
memory
Ext. memory
00 FDFF
00 FE00
2 Kbytes
8 Kbytes
512 byte
256 byte
256 byte
256 byte
256 byte
128 byte
128 byte
256 byte
256 byte
256 byte
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com