Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 82Page - STMicroelectronics ST10F296E Datasheet HTML 83Page - STMicroelectronics ST10F296E Datasheet HTML 84Page - STMicroelectronics ST10F296E Datasheet HTML 85Page - STMicroelectronics ST10F296E Datasheet HTML 86Page - STMicroelectronics ST10F296E Datasheet HTML 87Page - STMicroelectronics ST10F296E Datasheet HTML 88Page - STMicroelectronics ST10F296E Datasheet HTML 89Page - STMicroelectronics ST10F296E Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
86/346
6.5.2
Hardware aspects
The new bootstrap loading method via UART and CAN is compatible with the old method via
UART only. However, some additional hardware is required with the new method which is
summarized in Table 41.
.
6.6
Alternate boot mode (ABM)
6.6.1
Activation
Alternate boot mode is activated with the combination 01 on Port 0L[5..4] at the rising edge
of RSTIN.
6.6.2
Memory mapping
ST10F296E has the same memory mapping for standard and alternate boot mode:
●
Test-Flash: Mapped from 00’0000h. The standard bootstrap loader can be started by
executing a jump to the address of this routine (JMPS 00’xxxx; address to be defined).
●
User Flash: The user Flash is divided into two parts: The IFlash, visible only for
memory reads and memory writes (no code fetch) and the XFlash, visible for any ST10
access (memory read, memory write, code fetch).
●
All ST10F296E XRAM and XPeripheral modules can be accessed if enabled in the
XPERCON register.
Note:
The alternate boot mode can be used to reprogram the whole content of ST10F296E user
Flash (except Block 0 in Bank 2).
6.6.3
Interrupts
The ST10 interrupt vector table is always mapped from address 00’0000h.
As a consequence, interrupts are not allowed in alternate boot mode. All maskable and non
maskable interrupts must be disabled.
Table 41.
Hardware topics summary
Actual bootstrap loader
New bootstrap loader
Comments
P4.5 can be used as output in
BSL mode
P4.5 cannot be used as user output
in BSL mode. It can only be used as
CAN1_RxD, input, or address-
segments.
The level on CAN1_RxD can
change during step 2 of the
booting steps (see
Section 6.2.3 on page 70)
The level on CAN1_RxD must be
stable at 1 during step 2 of the
booting steps (see Section 6.2.3 on
page 70)
External pull-up on P4.5
needed
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com