Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 83Page - STMicroelectronics ST10F296E Datasheet HTML 84Page - STMicroelectronics ST10F296E Datasheet HTML 85Page - STMicroelectronics ST10F296E Datasheet HTML 86Page - STMicroelectronics ST10F296E Datasheet HTML 87Page - STMicroelectronics ST10F296E Datasheet HTML 88Page - STMicroelectronics ST10F296E Datasheet HTML 89Page - STMicroelectronics ST10F296E Datasheet HTML 90Page - STMicroelectronics ST10F296E Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
87/346
6.6.4
ST10 configuration in alternate boot mode
When the ST10F296E has entered BSL mode via CAN, the configuration shown in Table 42
is automatically set (values that deviate from the normal reset values, are marked in bold
italic).
Even if the internal IFlash is enabled, no code can be executed out of it.
Warning:
As the XFlash is needed, the XPERCON register is configured
by the ABM loader code and the XPEN bit of the SYSCON
register
To do this:
●
Copy a function into DPRAM that can do the following:
–
Disable the XPeripherals by clearing the XPEN bit in the SYSCON register
–
Enable the XPeripherals that are needed by writing the correct value in the
XPERCON register
–
Set the XPEN bit in the SYSCON register
–
Return to the calling address
●
Call the function from XFlash
Changing the XPERCON value can not be executed from the XFlash because the XFlash is
disabled when the XPEN bit in the SYSCON register is cleared.
Note:
The settings can be modified if the EINIT instruction is not executed (and is not in the
bootstrap loader code).
Table 42.
ST10 configuration in alternate boot mode
Watchdog timer
Disabled
Register SYSCON
0404H
(1)
1.
In bootstrap modes (standard or alternate) the ROMEN bit, bit 10 of the SYSCON register, is always set
regardless of the EA pin level. The BYTDIS bit, bit 9 of the SYSCON register, is set according to the data
bus width selection via Port 0 configuration.
XPEN bit set
Context pointer CP
FA00H
Register STKUN
FA00H
Stack pointer SP
FA40H
Register STKOV
FC00H
Register BUSCON0
Acc. to startup
config.(2)
2.
BUSCON0 is initialized with 0000h which disables the external bus if pin EA is high during reset. If pin EA
is low during reset, the BUSACT0 bit, bit 10, and the ALECTL0 bit, bit 9, are set, enabling the external bus
with a lengthened ALE signal. BTYP field, bit 7 and 6, is set according to Port 0 configuration.
XPERCON
002DH
XRAM1-2, XFlash, CAN1 enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com