Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 38Page - STMicroelectronics ST10F296E Datasheet HTML 39Page - STMicroelectronics ST10F296E Datasheet HTML 40Page - STMicroelectronics ST10F296E Datasheet HTML 41Page - STMicroelectronics ST10F296E Datasheet HTML 42Page - STMicroelectronics ST10F296E Datasheet HTML 43Page - STMicroelectronics ST10F296E Datasheet HTML 44Page - STMicroelectronics ST10F296E Datasheet HTML 45Page - STMicroelectronics ST10F296E Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
42/346
5
Internal Flash memory
The on-chip Flash is composed of two matrix modules each one containing one array
divided into two banks that can be read and modified independently of the other (i.e. one
bank can be read while the other is under modification).
Figure 5.
Flash modules structure
The write operations of the four banks are managed by an embedded Flash program/erase
controller (FPEC). The high voltages needed for program/erase operations are internally
generated.
The data bus is 32 bits wide. Due to ST10 core architecture limitations, only the first 512
Kbytes are accessed at 32-bit (internal Flash bus, also known as IBus), while the remaining
320 Kbytes are accessed at 16-bit (also known as XBus).
5.1
Functional description
5.1.1
Structure
Table 7 shows the address space reserved for the Flash module.
.
Bank 1: 128 Kbyte
Bank 0: 384 Kbyte
Program Memory
HV and Ref.
Generator
Program/Erase
Controller
I-BUS Interface
+
8 Kbyte Test-Flash
Bank 3: 128 Kbyte
Bank 2: 192 Kbyte
Program Memory
XFLASH (Module X)
X-BUS Interface
IFLASH (Module I)
Control Section
Program Memory
Program Memory
Table 7.
Flash module absolute mapping
Description
Addresses
Size (Kbytes)
IFlash sectors
0x00 0000 to 0x08 FFFF
512
XFlash sectors
0x09 0000 to 0x0D FFFF
320
Registers and Flash internal reserved area
0x0E 0000 to 0x0E FFFF
64
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com