Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 22Page - STMicroelectronics ST10F296E Datasheet HTML 23Page - STMicroelectronics ST10F296E Datasheet HTML 24Page - STMicroelectronics ST10F296E Datasheet HTML 25Page - STMicroelectronics ST10F296E Datasheet HTML 26Page - STMicroelectronics ST10F296E Datasheet HTML 27Page - STMicroelectronics ST10F296E Datasheet HTML 28Page - STMicroelectronics ST10F296E Datasheet HTML 29Page - STMicroelectronics ST10F296E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball data
ST10F296E
26/346
P4.0 to P4.7
N16
O
8-bit bidirectional I/O port. It
is bit-wise programmable for
input or output via direction
bit. Programming an I/O pin
as input forces the
corresponding output driver
to high impedance state.
The input threshold is
selectable (TTL or CMOS).
Port 4.4, 4.5, 4.6 and 4.7
outputs can be configured
as push-pull or open-drain
drivers. In case of an
external bus configuration,
Port 4 can be used to output
the segment address lines.
P4.0
A16
Least significant segment
address line
M15
O
P4.1
A17
Segment address line
L14
O
P4.2
A18
Segment address line
M16
O
P4.3
A19
Segment address line
L15
O
P4.4
A20
Segment address line
I
CAN2_RxD CAN2: Receive data input
I/O
SCL
I2C interface: Serial clock
L16
O
P4.5
A21
Segment address line
I
CAN1_RxD CAN1: Receive data input
I
CAN2_RxD CAN2: Receive Data Input
K14
O
P4.6
A22
Segment address line
O
CAN1_TxD
CAN1: Transmit data output
O
CAN2_TxD
CAN2: Transmit data output
K15
O
P4.7
A23
Most significant segment
address line
O
CAN2_TxD
CAN2: Transmit data output
I/O
SDA
I2C interface: Serial data
RD
J14
O
External memory read strobe: RD is activated for every external instruction or data
read access.
WR and
WRL
J15
O
External memory write strobe: In WR mode this pin is activated for every external data
write access. In WRL mode this pin is activated for low byte data write access on a 16-
bit bus, and, for every data write access on an 8-bit bus. See WRCFG in register
SYSCON for mode selection.
READY and
READY
J16
I
Ready input: The active level is programmable. When the Ready function is enabled,
the selected inactive level at this pin during an external memory access forces the
insertion of memory cycle time waitstates until the pin returns to the selected active
level.
ALE
J17
O
Address latch enable output: Can be used for latching the address into external
memory or an address latch in the multiplexed bus modes.
EA and
VSTBY
H17
I
External access enable pin: A low level applied to this pin during and after reset forces
the ST10F296E to start the program from the external memory space. A high level
forces ST10F296E to start in the internal memory space. This pin is also used (when
standby mode is entered: ST10F296E under reset and main VDD turned off) to provide
a reference voltage for the low-power embedded voltage regulator which generates
the internal 1.8 V supply to retain data inside the standby portion of the XRAM (16
Kbyte).
It can range from 4.5 to 5.5 V (6 V for a reduced amount of time during the device life).
In running mode, this pin can be tied low during reset without affecting XRAM
activities, since the presence of a stable VDD guarantees the proper biasing of this
module.
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com