Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 84Page - STMicroelectronics ST10F296E Datasheet HTML 85Page - STMicroelectronics ST10F296E Datasheet HTML 86Page - STMicroelectronics ST10F296E Datasheet HTML 87Page - STMicroelectronics ST10F296E Datasheet HTML 88Page - STMicroelectronics ST10F296E Datasheet HTML 89Page - STMicroelectronics ST10F296E Datasheet HTML 90Page - STMicroelectronics ST10F296E Datasheet HTML 91Page - STMicroelectronics ST10F296E Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
88/346
6.6.5
Watchdog
The watchdog timer remains disabled during both standard and alternate boot mode. If a
watchdog reset occurs, a software reset is generated.
Note:
See note concerning software reset in Section 6.2.7 on page 73.
6.6.6
Exiting alternate boot mode
Once the ABM mode is entered, it can be exited only with a software or hardware reset.
Note:
See note concerning software reset in Section 6.2.7 on page 73.
6.6.7
Alternate boot user software
Users can write the software they want to execute in alternate boot user mode if the rules
concerning the following items are met:
●
Mapping variables
●
Disabling interrupts
●
Exiting conditions
●
Predefining vectors in Block 0 of Bank 2
●
Using the watchdog
The starting address is 09’0000h.
6.6.8
User/alternate boot mode signature check
To operate user/alternate boot mode, the signature of two memory location contents are
calculated and compared to a reference signature. Flash memory locations must be
reserved and programmed as follows:
User mode signature
00'0000h: Memory address of operand0 for the signature computing
00’1FFCh: Memory address of operand1 for the signature computing
00’1FFEh: Memory address for the signature reference
Alternate mode signature
09'0000h: Memory address of operand0 for the signature computing
09’1FFCh: Memory address of operand1 for the signature computing
09’1FFEh: Memory address for the signature reference
Correct values for operand0, operand1 and the reference signature allow the sequence in
Figure 14 to execute successfully.
Figure 14.
Reference signature computation
MOV
Rx, CheckBlock1Addr
; 00’0000h for standard reset
ADD
Rx, CheckBlock2Addr
; 00’1FFCh for standard reset
CPLB
RLx
; 1s complement of the lower
;byte of the sum
CMP
Rx, CheckBlock3Addr
; 00’1FFEh for standard reset
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com