Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 77Page - STMicroelectronics ST10F296E Datasheet HTML 78Page - STMicroelectronics ST10F296E Datasheet HTML 79Page - STMicroelectronics ST10F296E Datasheet HTML 80Page - STMicroelectronics ST10F296E Datasheet HTML 81Page - STMicroelectronics ST10F296E Datasheet HTML 82Page - STMicroelectronics ST10F296E Datasheet HTML 83Page - STMicroelectronics ST10F296E Datasheet HTML 84Page - STMicroelectronics ST10F296E Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
81/346
6.4.4
Loading the startup code via CAN
After sending the acknowledge byte the BSL enters a loop to receive 128 bytes via CAN1.
Note:
The number of bytes loaded when booting via the CAN interface has been extended to 128
bytes to allow re-configuration of the CAN bit timing register with the best timings
(synchronization window, ...). This can be achieved by the following sequence of
instructions:
ReconfigureBaudRate:
MOV R1,#041h
MOV DPP3:0EF00h,R1 ; Put CAN in Init, enable Configuration Change
MOV R1,#01600h
MOV DPP3:0EF06h,R1 ; 1MBaud at Fcpu = 20 MHz
These 128 bytes are stored sequentially into locations 00’FA40H to 00’FABFH of the IRAM.
So, up to 64 instructions may be placed into the RAM area. To execute the loaded code the
BSL jumps to location 00’FA40H, the first loaded instruction. The bootstrap loading
sequence is now terminated, however, the ST10F296E remains in BSL mode. It is likely that
the initially loaded routine loads additional code or data (because an average application is
likely to require substantially more than 64 instructions). This second receive loop may
directly use the pre-initialized CAN interface to receive data and store it to arbitrary user-
defined locations.
The second level of loaded code may be the final application code. It may also be another,
more sophisticated, loader routine that adds a transmission protocol to enhance the integrity
of the loaded code or data. In addition, it may contain a code sequence to change the
system configuration and enable the bus interface to store the received data into the
external memory.
This process may go through several iterations or may directly execute the final application.
In all cases the ST10F296E runs in BSL mode, with the watchdog timer disabled and limited
access to the internal Flash area. All code fetches from the internal Flash area (01’0000H
...08’FFFFH) are redirected to the special Test-Flash. Data read operations access the
internal Flash of the ST10F296E, if any is available, but return undefined data on ROM-less
devices.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com